Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 397Page - Renesas Technology Corp H8/3022 Datasheet HTML 398Page - Renesas Technology Corp H8/3022 Datasheet HTML 399Page - Renesas Technology Corp H8/3022 Datasheet HTML 400Page - Renesas Technology Corp H8/3022 Datasheet HTML 401Page - Renesas Technology Corp H8/3022 Datasheet HTML 402Page - Renesas Technology Corp H8/3022 Datasheet HTML 403Page - Renesas Technology Corp H8/3022 Datasheet HTML 404Page - Renesas Technology Corp H8/3022 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 377 of 684
REJ09B0352-0200
Figure 11.13 shows an example of SCI receive operation using a multiprocessor format.
1
Start
bit
0
D0
D1
D7
1
Stop
bit
1
Data (ID1)
MPB
Start
bit
0
D0
D1
D7
0
Stop
bit
1
Data (data1)
MPB
1
Idle (mark)
state
MPIE
RDRF
RDR value
ID1
RXI request
(multiprocessor
interrupt), MPIE = 0
RXI handler reads
RDR data and clears
RDRF flag to 0
Not own ID, so
MPIE bit is set
to 1 again
No RXI request,
RDR not updated
a. Own ID does not match data
1
Start
bit
0
D0
D1
D7
1
Stop
bit
1
Data (ID2)
MPB
Start
bit
0
D0
D1
D7
0
Stop
bit
1
Data (data2)
MPB
1
Idle (mark)
state
MPIE
RDRF
RDR value
ID2
RXI request
(multiprocessor
interrupt), MPIE = 0
RXI interrupt handler
reads RDR data and
clears RDRF flag to 0
Own ID, so receiving
continues, with data
received by RXI
interrupt handler
MPIE bit is set
to 1 again
b. Own ID matches data
ID1
Data 2
Figure 11.13 Example of SCI Receive Operation
(8-Bit Data with Multiprocessor Bit and One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com