Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 411Page - Renesas Technology Corp H8/3022 Datasheet HTML 412Page - Renesas Technology Corp H8/3022 Datasheet HTML 413Page - Renesas Technology Corp H8/3022 Datasheet HTML 414Page - Renesas Technology Corp H8/3022 Datasheet HTML 415Page - Renesas Technology Corp H8/3022 Datasheet HTML 416Page - Renesas Technology Corp H8/3022 Datasheet HTML 417Page - Renesas Technology Corp H8/3022 Datasheet HTML 418Page - Renesas Technology Corp H8/3022 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 391 of 684
REJ09B0352-0200
TDRE flag in SSR and the start (falling edge) of the first transmit clock pulse corresponding to
each frame (figure 11.22). This interval is also necessary when performing continuous
transmission. If this condition is not satisfied, an operation error may occur.
TDRE
TXD
SCK
t*
X0
X1
X2
X3
X4
X5
X6
X7
Note: Make sure that t is at least 5 states.
t*
Y0
Y1
Y2
Y3
Continuous transmission
Figure 11.22 Transmission in Synchronous Mode (Example)
Restrictions when Switching from SCK Pin to Port Function in Synchronous SCI:
1. Problem in Operation
After setting DDR and DR to 1 and using synchronous SCI clock output, when the SCK pin is
switched to the port function at the end of transmission, a low-level signal is output for one half-
cycle before the port output state is established.
When switching to the port function by making the following settings while DDR = 1, DR = 1,
C/
A = 1, CKE1 = 0, CKE0 = 0, and TE = 1, low-level output occurs for one half-cycle.
(1) End of serial data transmission
(2) TE bit = 0
(3) C/
A bit = 0 ... switchover to port output
(4) Occurrence of low-level output (see figure 11.23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com