Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 412Page - Renesas Technology Corp H8/3022 Datasheet HTML 413Page - Renesas Technology Corp H8/3022 Datasheet HTML 414Page - Renesas Technology Corp H8/3022 Datasheet HTML 415Page - Renesas Technology Corp H8/3022 Datasheet HTML 416Page - Renesas Technology Corp H8/3022 Datasheet HTML 417Page - Renesas Technology Corp H8/3022 Datasheet HTML 418Page - Renesas Technology Corp H8/3022 Datasheet HTML 419Page - Renesas Technology Corp H8/3022 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 392 of 684
REJ09B0352-0200
SCK/port
Data
TE
C/
A
CKE1
CKE0
Bit 6
Bit 7
(2) TE=0
(3) C/
A=0
(1) End of transmission
(4) Low-level output
Half-cycle low-level output occurs
Figure 11.23 Operation when Switching from SCK Pin Function to Port Pin Function
2. Usage Note
The procedure shown below should be used to prevent low-level output when switching from the
SCK pin function to the port function.
As this procedure temporarily places the SCK pin in the input state, the SCK/port pin should be
pulled up beforehand with an external circuit.With DDR = 1, DR = 1, C/
A = 1, CKE1 = 0, CKE0
= 0, and TE = 1, make the following settings in the order shown.
(1) End of serial data transmission
(2) TE bit = 0
(3) CKE1 bit = 1
(4) C/
A bit = 0 ... switchover to port output
(5) CKE1 bit = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com