Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 415Page - Renesas Technology Corp H8/3022 Datasheet HTML 416Page - Renesas Technology Corp H8/3022 Datasheet HTML 417Page - Renesas Technology Corp H8/3022 Datasheet HTML 418Page - Renesas Technology Corp H8/3022 Datasheet HTML 419Page - Renesas Technology Corp H8/3022 Datasheet HTML 420Page - Renesas Technology Corp H8/3022 Datasheet HTML 421Page - Renesas Technology Corp H8/3022 Datasheet HTML 422Page - Renesas Technology Corp H8/3022 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 395 of 684
REJ09B0352-0200
Section 12 Smart Card Interface
12.1
Overview
SCI0 supports an IC card (Smart Card) interface conforming to ISO/IEC 7816-3 (Identification
Card) as a serial communication interface extension function.
Switching between the normal serial communication interface and the Smart Card interface is
carried out by means of a register setting.
12.1.1
Features
Features of the Smart Card interface supported by the H8/3022 Group are as follows.
• Asynchronous mode
⎯ Data length: 8 bits
⎯ Parity bit generation and checking
⎯ Transmission of error signal (parity error) in receive mode
⎯ Error signal detection and automatic data retransmission in transmit mode
⎯ Direct convention and inverse convention both supported
• On-chip baud rate generator allows any bit rate to be selected
• Three interrupt sources
⎯ Three interrupt sources (transmit data empty, receive data full, and transmit/receive error)
that can issue requests independently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com