Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 417Page - Renesas Technology Corp H8/3022 Datasheet HTML 418Page - Renesas Technology Corp H8/3022 Datasheet HTML 419Page - Renesas Technology Corp H8/3022 Datasheet HTML 420Page - Renesas Technology Corp H8/3022 Datasheet HTML 421Page - Renesas Technology Corp H8/3022 Datasheet HTML 422Page - Renesas Technology Corp H8/3022 Datasheet HTML 423Page - Renesas Technology Corp H8/3022 Datasheet HTML 424Page - Renesas Technology Corp H8/3022 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 397 of 684
REJ09B0352-0200
12.1.3
Pin Configuration
Table 12.1 shows the Smart Card interface pin configuration.
Table 12.1
Smart Card Interface Pins
Pin Name
Abbreviation
I/O
Function
Serial clock pin 0
SCK
0
Output
SCI
0 clock output
Receive data pin 0
RxD
0
Input
SCI
0 receive data input
Transmit data pin 0
TxD
0
Output
SCI
0 transmit data output
12.1.4
Register Configuration
Table 12.2 shows the registers used by the Smart Card interface. Details of SMR, BRR, SCR,
TDR, and RDR are the same as for the normal SCI function: see the register descriptions in
section 11, Serial Communication Interface.
Table 12.2
Smart Card Interface Registers
Address*
1
Name
Abbreviation
R/W
Initial Value
H'FFB0
Serial mode register
SMR
R/W
H'00
H'FFB1
Bit rate register
BRR
R/W
H'FF
H'FFB2
Serial control register
SCR
R/W
H'00
H'FFB3
Transmit data register
TDR
R/W
H'FF
H'FFB4
Serial status register
SSR
R/(W)*
2
H'84
H'FFB5
Receive data register
RDR
R
H'00
H'FFB6
Smart card mode
register
SCMR
R/W
H'F2
Notes: 1. Lower 16 bits of the address.
2. Can only be written with 0 for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com