Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 418Page - Renesas Technology Corp H8/3022 Datasheet HTML 419Page - Renesas Technology Corp H8/3022 Datasheet HTML 420Page - Renesas Technology Corp H8/3022 Datasheet HTML 421Page - Renesas Technology Corp H8/3022 Datasheet HTML 422Page - Renesas Technology Corp H8/3022 Datasheet HTML 423Page - Renesas Technology Corp H8/3022 Datasheet HTML 424Page - Renesas Technology Corp H8/3022 Datasheet HTML 425Page - Renesas Technology Corp H8/3022 Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 398 of 684
REJ09B0352-0200
12.2
Register Descriptions
Registers added with the Smart Card interface and bits for which the function changes are
described here.
12.2.1
Smart Card Mode Register (SCMR)
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
SDIR
0
R/W
0
SMIF
0
R/W
2
SINV
0
R/W
1
—
1
—
Reserved bits
Smart card data transfer direction
Selects the serial/parallel conversion format
Smart card data invert
Inverts data logic levels
Smart card interface
mode select
Enables or disables
the smart card
interface function
SCMR is an 8-bit readable/writable register that selects the Smart Card interface function.
SCMR is initialized to H'F2 by a reset, and in standby mode.
Bits 7 to 4—Reserved: These bits cannot be modified and are always read as 1.
Bit 3—Smart Card Data Transfer Direction (SDIR): Selects the serial/parallel conversion
format.
Bit 3
SDIR
Description
0
TDR contents are transmitted LSB-first
(Initial value)
Receive data is stored in RDR LSB-first
1
TDR contents are transmitted MSB-first
Receive data is stored in RDR MSB-first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com