Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 420Page - Renesas Technology Corp H8/3022 Datasheet HTML 421Page - Renesas Technology Corp H8/3022 Datasheet HTML 422Page - Renesas Technology Corp H8/3022 Datasheet HTML 423Page - Renesas Technology Corp H8/3022 Datasheet HTML 424Page - Renesas Technology Corp H8/3022 Datasheet HTML 425Page - Renesas Technology Corp H8/3022 Datasheet HTML 426Page - Renesas Technology Corp H8/3022 Datasheet HTML 427Page - Renesas Technology Corp H8/3022 Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 400 of 684
REJ09B0352-0200
12.2.2
Serial Status Register (SSR)
Bit
Initial value
R/W
7
TDRE
1
R/(W) *
6
RDRF
0
R/(W) *
5
ORER
0
R/(W) *
4
ERS
0
R/(W) *
3
PER
0
R/(W) *
0
MPBT
0
R/W
2
TEND
1
R
1
MPB
0
R
Error signal status
Status flag indicating that an
error signal has been received
Transmit end
Status flag indicating
end of transmission
Note: * Only 0 can be written to bits 7 to 3, to clear these flags.
Bit 4 of SSR has a different function in Smart Card interface mode. Coupled with this, the setting
conditions for bit 2, TEND, are also different.
Bits 7 to 5—Operate in the same way as for the normal SCI. For details, see section 11.2.7, Serial
Status Register (SSR).
Bit 4—Error Signal Status (ERS): In Smart Card interface mode, bit 4 indicates the status of the
error signal sent back from the receiving end in transmission. Framing errors are not detected in
Smart Card interface mode.
Bit 4
ERS
Description
0
Indicates normal data transmission, with no error signal returned
[Clearing conditions]
(Initial value)
Upon reset, in standby mode, or in module stop mode
When 0 is written to ERS after reading ERS = 1
1
Indicates that the receiving device sent an error signal reporting a parity error
[Setting condition]
When the low level of the error signal is sampled
Note:
Clearing the TE bit in SCR to 0 does not affect the ERS flag, which retains its previous
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com