Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 419Page - Renesas Technology Corp H8/3022 Datasheet HTML 420Page - Renesas Technology Corp H8/3022 Datasheet HTML 421Page - Renesas Technology Corp H8/3022 Datasheet HTML 422Page - Renesas Technology Corp H8/3022 Datasheet HTML 423Page - Renesas Technology Corp H8/3022 Datasheet HTML 424Page - Renesas Technology Corp H8/3022 Datasheet HTML 425Page - Renesas Technology Corp H8/3022 Datasheet HTML 426Page - Renesas Technology Corp H8/3022 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 399 of 684
REJ09B0352-0200
Bit 2—Smart Card Data Invert (SINV): Specifies inversion of the data logic level. This
function is used together with the SDIR bit for communication with an inverse convention card.
The SINV bit does not affect the logic level of the parity bit. For parity-related setting procedures,
see section 12.3.4, Register Settings.
Bit 2
SINV
Description
0
TDR contents are transmitted as they are
(Initial value)
Receive data is stored as it is in RDR
1
TDR contents are inverted before being transmitted
Receive data is stored in inverted form in RDR
Bit 1—Reserved: This bit cannot be modified and is always read as 1.
Bit 0—Smart Card Interface Mode Select (SMIF): This bit enables or disables the Smart Card
interface function.
Bit 0
SMIF
Description
0
Smart Card interface function is disabled
(Initial value)
1
Smart Card interface function is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com