Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 107Page - Renesas Technology Corp H8/3022 Datasheet HTML 108Page - Renesas Technology Corp H8/3022 Datasheet HTML 109Page - Renesas Technology Corp H8/3022 Datasheet HTML 110Page - Renesas Technology Corp H8/3022 Datasheet HTML 111Page - Renesas Technology Corp H8/3022 Datasheet HTML 112Page - Renesas Technology Corp H8/3022 Datasheet HTML 113Page - Renesas Technology Corp H8/3022 Datasheet HTML 114Page - Renesas Technology Corp H8/3022 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 87 of 684
REJ09B0352-0200
Interrupt Priority Register B (IPRB): IPRB is an 8-bit readable/writable register in which
interrupt priority levels can be set.
Bit
Initial value
Read/Write
7
IPRB7
0
R/W
6
IPRB6
0
R/W
5
—
0
R/W
4
—
0
R/W
3
IPRB3
0
R/W
0
—
0
R/W
2
IPRB2
0
R/W
1
IPRB1
0
R/W
Priority level B7
Selects the priority level of ITU channel 3 interrupt requests
Priority level B3
Selects the priority level of SCI
channel 0 interrupt requests
Selects the priority level of SCI
channel 1 interrupt requests
Priority level B2
Priority level B1
Selects the priority level
of A/D converter
interrupt request
Reserved bit
Selects the priority level of ITU channel 4 interrupt requests
Priority level B6
Reserved bits
IPRB is initialized to H'00 by a reset and in hardware standby mode.
Bit 7—Priority Level B7 (IPRB7): Selects the priority level of ITU channel 3 interrupt requests.
Bit7
IPRB7
Description
0
ITU channel 3 interrupt requests have priority level 0 (low priority)
(Initial value)
1
ITU channel 3 interrupt requests have priority level 1 (high priority)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com