Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 108Page - Renesas Technology Corp H8/3022 Datasheet HTML 109Page - Renesas Technology Corp H8/3022 Datasheet HTML 110Page - Renesas Technology Corp H8/3022 Datasheet HTML 111Page - Renesas Technology Corp H8/3022 Datasheet HTML 112Page - Renesas Technology Corp H8/3022 Datasheet HTML 113Page - Renesas Technology Corp H8/3022 Datasheet HTML 114Page - Renesas Technology Corp H8/3022 Datasheet HTML 115Page - Renesas Technology Corp H8/3022 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 88 of 684
REJ09B0352-0200
Bit 6—Priority Level B6 (IPRB6): Selects the priority level of ITU channel 4 interrupt requests.
Bit6
IPRB6
Description
0
ITU channel 4 interrupt requests have priority level 0 (low priority)
(Initial value)
1
ITU channel 4 interrupt requests have priority level 1 (high priority)
Bits 5 and 4—Reserved: These bits can be written and read, but it does not affect interrupt
priority.
Bit 3—Priority Level B3 (IPRB3): Selects the priority level of SCI channel
0 interrupt requests.
Bit3
IPRB3
Description
0
SCI channel 0 interrupt requests have priority level 0 (low priority)
(Initial value)
1
SCI channel 0 interrupt requests have priority level 1 (high priority)
Bit 2—Priority Level B2 (IPRB2): Selects the priority level of SCI channel 1 interrupt requests.
Bit2
IPRB2
Description
0
SCI channel 1 interrupt requests have priority level 0 (low priority)
(Initial value)
1
SCI channel 1 interrupt requests have priority level 1 (high priority)
Bit 1—Priority Level B1 (IPRB1): Selects the priority level of A/D converter interrupt requests.
Bit1
IPRB1
Description
0
A/D converter interrupt requests have priority level 0 (low priority)
(Initial value)
1
A/D converter interrupt requests have priority level 1 (high priority)
Bit 0—Reserved: This bit can be written and read, but it does not affect interrupt priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com