Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 118Page - Renesas Technology Corp H8/3022 Datasheet HTML 119Page - Renesas Technology Corp H8/3022 Datasheet HTML 120Page - Renesas Technology Corp H8/3022 Datasheet HTML 121Page - Renesas Technology Corp H8/3022 Datasheet HTML 122Page - Renesas Technology Corp H8/3022 Datasheet HTML 123Page - Renesas Technology Corp H8/3022 Datasheet HTML 124Page - Renesas Technology Corp H8/3022 Datasheet HTML 125Page - Renesas Technology Corp H8/3022 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 98 of 684
REJ09B0352-0200
• If an interrupt condition occurs and the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
• When the interrupt controller receives one or more interrupt requests, it selects the highest-
priority request, following the IPR interrupt priority settings, and holds other requests pending.
If two or more interrupts with the same IPR setting are requested simultaneously, the interrupt
controller follows the priority order shown in table 5.3.
• The interrupt controller checks the I bit. If the I bit is cleared to 0, the selected interrupt request
is accepted. If the I bit is set to 1, only NMI is accepted; other interrupt requests are held
pending.
• When an interrupt request is accepted, interrupt exception handling starts after execution of the
current instruction has been completed.
• In interrupt exception handling, PC and CCR are saved to the stack area. The PC value that is
saved indicates the address of the first instruction that will be executed after the return from the
interrupt service routine.
• Next the I bit is set to 1 in CCR, masking all interrupts except NMI.
• The vector address of the accepted interrupt is generated, and the interrupt service routine
starts executing from the address indicated by the contents of the vector address.
UE = 0: The I and UI bits in the CPU’s CCR and the IPR bits enable three-level masking of IRQ
0,
IRQ
1, IRQ4, and IRQ5 interrupts and interrupts from the on-chip supporting modules.
• Interrupt requests with priority level 0 are masked when the I bit is set to 1, and are unmasked
when the I bit is cleared to 0.
• Interrupt requests with priority level 1 are masked when the I and UI bits are both set to 1, and
are unmasked when either the I bit or the UI bit is cleared to 0.
For example, if the interrupt enable bits of all interrupt requests are set to 1, IPRA is set to
H'10, and IPRB is set to H'00 (giving IRQ
4 and IRQ5 interrupt requests priority over other
interrupts), interrupts are masked as follows:
a. If I = 0, all interrupts are unmasked (priority order: NMI > IRQ
4 > IRQ5
>IRQ
0 …).
b. If I = 1 and UI = 0, only NMI, IRQ
4, and IRQ5 are unmasked.
c. If I = 1 and UI = 1, all interrupts are masked except NMI.
Figure 5.5 shows the transitions among the above states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com