Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 114Page - Renesas Technology Corp H8/3022 Datasheet HTML 115Page - Renesas Technology Corp H8/3022 Datasheet HTML 116Page - Renesas Technology Corp H8/3022 Datasheet HTML 117Page - Renesas Technology Corp H8/3022 Datasheet HTML 118Page - Renesas Technology Corp H8/3022 Datasheet HTML 119Page - Renesas Technology Corp H8/3022 Datasheet HTML 120Page - Renesas Technology Corp H8/3022 Datasheet HTML 121Page - Renesas Technology Corp H8/3022 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 94 of 684
REJ09B0352-0200
Table 5.3
Interrupt Sources, Vector Addresses, and Priority
Vector Address*
Interrupt Source
Origin
Vector
Number
Normal Mode
Advanced Mode
IPR
Priority
NMI
7
H'000E to H'000F
H'001C to H'001F
—
High
IRQ0
12
H'0018 to H'0019
H'0030 to H'0033
IPRA7
IRQ1
External
pins
13
H'001A to H'001B
H'0034 to H0037
IPRA6
Reserved
—
14
15
H'001C to H'001D
H'001E to H'001F
H'0038 to H'003B
H'003C to H'003F
—
IRQ4
16
H'0020 to H'0021
H'0040 to H'0043
IPRA4
IRQ5
External
pins
17
H'0022 to H'0023
H'0044 to H'0047
Reserved
—
18
19
H'0024 to H'0025
H'0026 to H'0027
H'0048 to H'004B
H'004C to H'004F
WOVI (interval timer)
Watchdog
timer
20
H'0028 to H'0029
H'0050 to H'0053
IPRA3
Reserved
—
21
22
23
H'002A to H'002B
H'002C to H'002D
H'002E to H'002F
H'0054 to H'0057
H'0058 to H'005B
H'005C to H'005F
IMIA0 (compare match/
input capture A0)
IMIB0 (compare match/
input capture B0)
OVI0 (overflow 0)
ITU channel
0
24
25
26
H'0030 to H'0031
H'0032 to H'0033
H'0034 to H'0035
H'0060 to H'0063
H'0064 to H'0067
H'0068 to H'006B
IPRA2
Reserved
—
27
H'0036 to H'0037
H'006C to H'006F
IMIA1 (compare match/
input capture A1)
IMIB1 (compare match/
input capture B1)
OVI1 (overflow 1)
ITU channel
1
28
29
30
H'0038 to H'0039
H'003A to H'003B
H'003C to H'003D
H'0070 to H'0073
H'0074 to H'0077
H'0078 to H'007B
IPRA1
Reserved
—
31
H'003E to H'003F
H'007C to H'007F
IMIA2 (compare match/
input capture A2)
IMIB2 (compare match/
input capture B2)
OVI2 (overflow 2)
ITU channel
2
32
33
34
H'0040 to H'0041
H'0042 to H'0043
H'0044 to H'0045
H'0080 to H'0083
H'0084 to H'0087
H'0088 to H'008B
IPRA0
Reserved
—
35
H'0046 to H'0047
H'008C to H'008F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com