Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 115Page - Renesas Technology Corp H8/3022 Datasheet HTML 116Page - Renesas Technology Corp H8/3022 Datasheet HTML 117Page - Renesas Technology Corp H8/3022 Datasheet HTML 118Page - Renesas Technology Corp H8/3022 Datasheet HTML 119Page - Renesas Technology Corp H8/3022 Datasheet HTML 120Page - Renesas Technology Corp H8/3022 Datasheet HTML 121Page - Renesas Technology Corp H8/3022 Datasheet HTML 122Page - Renesas Technology Corp H8/3022 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 712 page
background image
5. Interrupt Controller
Rev.2.00 Mar. 22, 2007 Page 95 of 684
REJ09B0352-0200
Vector Address*
Interrupt Source
Origin
Vector
Number
Normal Mode
Advanced Mode
IPR
Priority
IMIA3 (compare match/
input capture A3)
IMIB3 (compare match/
input capture B3)
OVI3 (overflow 3)
ITU
channel
3
36
37
38
H'0048 to H'0049
H'004A to H'004B
H'004C to H'004D
H'0090 to H'0093
H'0094 to H'0097
H'0098 to H'009B
IPRB7
Reserved
—
39
H'004E to H'004F
H'009C to H'009F
IMIA4 (compare match/
input capture A4)
IMIB4 (compare match/
input capture B4)
OVI4 (overflow 4)
ITU
channel
4
40
41
42
H'0050 to H'0051
H'0052 to H'0053
H'0054 to H'0055
H'00A0 to H'00A3
H'00A4 to H'00A7
H'00A8 to H'00AB
IPRB6
Reserved
—
43
44
45
46
47
48
49
50
51
H'0056 to H'0057
H'0058 to H'0059
H'005A to H'005B
H'005C to H'005D
H'005E to H'005F
H'0060 to H'0061
H'0062 to H'0063
H'0064 to H'0065
H'0066 to H'0067
H'00AC to H'00AF
H'00B0 to H'00B3
H'00B4 to H'00B7
H'00B8 to H'00BB
H'00BC to H'00BF
H'00C0 to H'00C3
H'00C4 to H'00C7
H'00C8 to H'00CB
H'00CC to
H'00CF
—
ERI0 (receive error 0)
RXI0 (receive data full 0)
TXI0 (transmit data
empty 0)
TEI0 (transmit end 0)
SCI
channel
0
52
53
54
55
H'0068 to H'0069
H'006A to H'006B
H'006C to H'006D
H'006E to H'006F
H'00D0 to H'00D3
H'00D4 to H'00D7
H'00D8 to H'00DB
H'00DC to
H'00DF
IPRB3
ERI1 (receive error 1)
RXI1 (receive data full 1)
TXI1 (transmit data
empty 1)
TEI1 (transmit end 1)
SCI
channel
1
56
57
58
59
H'0070 to H'0071
H'0072 to H'0073
H'0074 to H'0075
H'0076 to H'0077
H'00E0 to H'00E3
H'00E4 to H'00E7
H'00E8 to H'00EB
H'00EC to H'00EF
IPRB2
ADI (A/D end)
A/D
60
H'0078 to H'0079
H'00F0 to H'00F3
IPRB1
Low
Note: * Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com