Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 224Page - Renesas Technology Corp H8/3022 Datasheet HTML 225Page - Renesas Technology Corp H8/3022 Datasheet HTML 226Page - Renesas Technology Corp H8/3022 Datasheet HTML 227Page - Renesas Technology Corp H8/3022 Datasheet HTML 228Page - Renesas Technology Corp H8/3022 Datasheet HTML 229Page - Renesas Technology Corp H8/3022 Datasheet HTML 230Page - Renesas Technology Corp H8/3022 Datasheet HTML 231Page - Renesas Technology Corp H8/3022 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 204 of 684
REJ09B0352-0200
Bit 3—PWM Mode 3 (PWM3): Selects whether channel 3 operates normally or in PWM mode.
Bit 3
PWM3
Description
0
Channel 3 operates normally
(Initial value)
1
Channel 3 operates in PWM mode
When bit PWM3 is set to 1 to select PWM mode, pin TIOCA3 becomes a PWM output pin. The
output goes to 1 at compare match with general register A3 (GRA3), and to 0 at compare match
with general register B3 (GRB3).
If complementary PWM mode or reset-synchronized PWM mode is selected by bits CMD1 and
CMD0 in the timer function control register (TFCR), the CMD1 and CMD0 setting takes
precedence and the PWM3 setting is ignored.
Bit 2—PWM Mode 2 (PWM2): Selects whether channel 2 operates normally or in PWM mode.
Bit 2
PWM2
Description
0
Channel 2 operates normally
(Initial value)
1
Channel 2 operates in PWM mode
When bit PWM2 is set to 1 to select PWM mode, pin TIOCA2 becomes a PWM output pin. The
output goes to 1 at compare match with general register A2 (GRA2), and to 0 at compare match
with general register B2 (GRB2).
Bit 1—PWM Mode 1 (PWM1): Selects whether channel 1 operates normally or in PWM mode.
Bit 1
PWM1
Description
0
Channel 1 operates normally
(Initial value)
1
Channel 1 operates in PWM mode
When bit PWM1 is set to 1 to select PWM mode, pin TIOCA1 becomes a PWM output pin. The
output goes to 1 at compare match with general register A1 (GRA1), and to 0 at compare match
with general register B1 (GRB1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com