Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 226Page - Renesas Technology Corp H8/3022 Datasheet HTML 227Page - Renesas Technology Corp H8/3022 Datasheet HTML 228Page - Renesas Technology Corp H8/3022 Datasheet HTML 229Page - Renesas Technology Corp H8/3022 Datasheet HTML 230Page - Renesas Technology Corp H8/3022 Datasheet HTML 231Page - Renesas Technology Corp H8/3022 Datasheet HTML 232Page - Renesas Technology Corp H8/3022 Datasheet HTML 233Page - Renesas Technology Corp H8/3022 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 206 of 684
REJ09B0352-0200
Bits 7 and 6—Reserved: These bits cannot be modified and are always read as 1.
Bits 5 and 4—Combination Mode 1 and 0 (CMD1, CMD0): These bits select whether channels
3 and 4 operate in normal mode, complementary PWM mode, or reset-synchronized PWM mode.
Bit 5
CMD1
Bit 4
CMD0
Description
0
0
Channels 3 and 4 operate normally
(Initial value)
1
1
0
Channels 3 and 4 operate together in complementary PWM mode
1
Channels 3 and 4 operate together in reset-synchronized PWM mode
Before selecting reset-synchronized PWM mode or complementary PWM mode, halt the timer
counter or counters that will be used in these modes.
When these bits select complementary PWM mode or reset-synchronized PWM mode, they take
precedence over the setting of the PWM mode bits (PWM4 and PWM3) in TMDR. Settings of
timer sync bits SYNC4 and SYNC3 in the timer synchro register (TSNC) are valid in
complementary PWM mode and reset-synchronized PWM mode, however. When complementary
PWM mode is selected, channels 3 and 4 must not be synchronized (do not set bits SYNC3 and
SYNC4 both to 1 in TSNC).
Bit 3—Buffer Mode B4 (BFB4): Selects whether GRB4 operates normally in channel 4, or
whether GRB4 is buffered by BRB4.
Bit 3
BFB4
Description
0
GRB4 operates normally
(Initial value)
1
GRB4 is buffered by BRB4
Bit 2—Buffer Mode A4 (BFA4): Selects whether GRA4 operates normally in channel 4, or
whether GRA4 is buffered by BRA4.
Bit 2
BFA4
Description
0
GRA4 operates normally
(Initial value)
1
GRA4 is buffered by BRA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com