Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 227Page - Renesas Technology Corp H8/3022 Datasheet HTML 228Page - Renesas Technology Corp H8/3022 Datasheet HTML 229Page - Renesas Technology Corp H8/3022 Datasheet HTML 230Page - Renesas Technology Corp H8/3022 Datasheet HTML 231Page - Renesas Technology Corp H8/3022 Datasheet HTML 232Page - Renesas Technology Corp H8/3022 Datasheet HTML 233Page - Renesas Technology Corp H8/3022 Datasheet HTML 234Page - Renesas Technology Corp H8/3022 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 207 of 684
REJ09B0352-0200
Bit 1—Buffer Mode B3 (BFB3): Selects whether GRB3 operates normally in channel 3, or
whether GRB3 is buffered by BRB3.
Bit 1
BFB3
Description
0
GRB3 operates normally
(Initial value)
1
GRB3 is buffered by BRB3
Bit 0—Buffer Mode A3 (BFA3): Selects whether GRA3 operates normally in channel 3, or
whether GRA3 is buffered by BRA3.
Bit 0
BFA3
Description
0
GRA3 operates normally
(Initial value)
1
GRA3 is buffered by BRA3
8.2.5
Timer Output Master Enable Register (TOER)
TOER is an 8-bit readable/writable register that enables or disables output settings for channels 3
and 4.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
EXB4
1
R/W
4
EXA4
1
R/W
3
EB3
1
R/W
0
EA3
1
R/W
2
EB4
1
R/W
1
EA4
1
R/W
Reserved bits
Master enable TOCXA4, TOCXB4
These bits enable or disable output
settings for pins TOCXA4 and TOCXB4
Master enable TIOCA3, TIOCB3 , TIOCA4, TIOCB4
These bits enable or disable output settings for pins
TIOCA3, TIOCB3 , TIOCA4, and TIOCB4
TOER is initialized to H'FF by a reset and in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com