Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 257Page - Renesas Technology Corp H8/3022 Datasheet HTML 258Page - Renesas Technology Corp H8/3022 Datasheet HTML 259Page - Renesas Technology Corp H8/3022 Datasheet HTML 260Page - Renesas Technology Corp H8/3022 Datasheet HTML 261Page - Renesas Technology Corp H8/3022 Datasheet HTML 262Page - Renesas Technology Corp H8/3022 Datasheet HTML 263Page - Renesas Technology Corp H8/3022 Datasheet HTML 264Page - Renesas Technology Corp H8/3022 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 237 of 684
REJ09B0352-0200
8.4.3
Synchronization
The synchronization function enables two or more timer counters to be synchronized by writing
the same data to them simultaneously (synchronous preset). With appropriate TCR settings, two or
more timer counters can also be cleared simultaneously (synchronous clear). Synchronization
enables additional general registers to be associated with a single time base. Synchronization can
be selected for all channels (0 to 4).
Sample Setup Procedure for Synchronization: Figure 8.26 shows a sample procedure for
setting up synchronization.
Setup for synchronization
Synchronous preset
Set the SYNC bits to 1 in TSNC for the channels to be synchronized.
When a value is written in TCNT in one of the synchronized channels, the same value is
simultaneously written in TCNT in the other channels (synchronized preset).
1.
2.
2
3
1
5
4
5
Select synchronization
Synchronous preset
Write to TCNT
Synchronous clear
Clearing
synchronized to this
channel?
Select counter clear source
Start counter
Counter clear
Synchronous clear
Start counter
Select counter clear source
Yes
No
Set the CCLR1 or CCLR0 bit in TCR to have the counter cleared by compare match or input capture.
Set the CCLR1 and CCLR0 bits in TCR to have the counter cleared synchronously.
Set the STR bits in TSTR to 1 to start the synchronized counters.
3.
4.
5.
Figure 8.26 Setup Procedure for Synchronization (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com