Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 259Page - Renesas Technology Corp H8/3022 Datasheet HTML 260Page - Renesas Technology Corp H8/3022 Datasheet HTML 261Page - Renesas Technology Corp H8/3022 Datasheet HTML 262Page - Renesas Technology Corp H8/3022 Datasheet HTML 263Page - Renesas Technology Corp H8/3022 Datasheet HTML 264Page - Renesas Technology Corp H8/3022 Datasheet HTML 265Page - Renesas Technology Corp H8/3022 Datasheet HTML 266Page - Renesas Technology Corp H8/3022 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 239 of 684
REJ09B0352-0200
8.4.4
PWM Mode
In PWM mode GRA and GRB are paired and a PWM waveform is output from the TIOCA pin.
GRA specifies the time at which the PWM output changes to 1. GRB specifies the time at which
the PWM output changes to 0. If either GRA or GRB is selected as the counter clear source, a
PWM waveform with a duty cycle from 0
% to 100% is output at the TIOCA pin. PWM mode can
be selected in all channels (0 to 4).
Table 8.4 summarizes the PWM output pins and corresponding registers. If the same value is set
in GRA and GRB, the output does not change when compare match occurs.
Table 8.4
PWM Output Pins and Registers
Channel
Output Pin
1 Output
0 Output
0
TIOCA
0
GRA
0
GRB
0
1
TIOCA
1
GRA
1
GRB
1
2
TIOCA
2
GRA
2
GRB
2
3
TIOCA
3
GRA
3
GRB
3
4
TIOCA
4
GRA
4
GRB
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com