Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 260Page - Renesas Technology Corp H8/3022 Datasheet HTML 261Page - Renesas Technology Corp H8/3022 Datasheet HTML 262Page - Renesas Technology Corp H8/3022 Datasheet HTML 263Page - Renesas Technology Corp H8/3022 Datasheet HTML 264Page - Renesas Technology Corp H8/3022 Datasheet HTML 265Page - Renesas Technology Corp H8/3022 Datasheet HTML 266Page - Renesas Technology Corp H8/3022 Datasheet HTML 267Page - Renesas Technology Corp H8/3022 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 240 of 684
REJ09B0352-0200
Sample Setup Procedure for PWM Mode: Figure 8.28 shows a sample procedure for setting up
PWM mode.
PWM mode
1. Set bits TPSC2 to TPSC0 in TCR to
select the counter clock source. If an
external clock source is selected, set
bits CKEG1 and CKEG0 in TCR to
select the desired edge(s) of the
external clock signal.
PWM mode
Select counter clock
1
Select counter clear source
2
Set GRA
3
Set GRB
4
Select PWM mode
5
Start counter
6
2. Set bits CCLR1 and CCLR0 in TCR
to select the counter clear source.
3. Set the time at which the PWM
waveform should go to 1 in GRA.
4. Set the time at which the PWM
waveform should go to 0 in GRB.
5. Set the PWM bit in TMDR to select
PWM mode. When PWM mode is
selected, regardless of the TIOR
contents, GRA and GRB become
output compare registers specifying
the times at which the PWM
goes to 1 and 0. The TIOCA pin
automatically becomes the PWM
output pin. The TIOCB pin conforms
to the settings of bits IOB1 and IOB0
in TIOR. If TIOCB output is not
desired, clear both IOB1 and IOB0 to 0.
6. Set the STR bit to 1 in TSTR to start
the timer counter.
Figure 8.28 Setup Procedure for PWM Mode (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com