Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3021 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 471Page - Renesas Technology Corp H8/3021 Datasheet HTML 472Page - Renesas Technology Corp H8/3021 Datasheet HTML 473Page - Renesas Technology Corp H8/3021 Datasheet HTML 474Page - Renesas Technology Corp H8/3021 Datasheet HTML 475Page - Renesas Technology Corp H8/3021 Datasheet HTML 476Page - Renesas Technology Corp H8/3021 Datasheet HTML 477Page - Renesas Technology Corp H8/3021 Datasheet HTML 478Page - Renesas Technology Corp H8/3021 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 451 of 684
REJ09B0352-0200
15.2.4
Flash Memory Emulation in RAM
In the H8/3022F, flash memory programming can be emulated in real time by overlapping the
flash memory with part of RAM (overlap RAM). When the emulation block set in RAMER is
accessed while the emulation function is being executed, data written in the overlap RAM is read.
Emulation should be performed in user mode or user program mode.
Application program
Execution state
Flash memory
Emulation block
RAM
SCI
Overlap RAM
(emulation is performed
on data written in RAM)
Figure 15.3 Reading Overlap RAM Data in User Mode or User Program Mode
When overlap RAM data is confirmed, the RAMS bit is cleared, RAM overlap is released, and
writes should actually be performed to the flash memory.
However, in on-board programming mode, when the programming control program is transferred
to RAM, ensure that the transfer destination and the overlap RAM do not overlap, as this will
cause data in the overlap RAM to be rewritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com