Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3021 Datasheet(PDF) 521 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 517Page - Renesas Technology Corp H8/3021 Datasheet HTML 518Page - Renesas Technology Corp H8/3021 Datasheet HTML 519Page - Renesas Technology Corp H8/3021 Datasheet HTML 520Page - Renesas Technology Corp H8/3021 Datasheet HTML 521Page - Renesas Technology Corp H8/3021 Datasheet HTML 522Page - Renesas Technology Corp H8/3021 Datasheet HTML 523Page - Renesas Technology Corp H8/3021 Datasheet HTML 524Page - Renesas Technology Corp H8/3021 Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 497 of 684
REJ09B0352-0200
Flash memory access disabled time
(x: Wait time after SWE setting, y: Wait time after SWE clearing)*3
Flash memory reprogammable period
(Flash memory program execution and data read, other than verify, are disabled.)
φ
VCC
FWE
tOSC1
Min 0
μs
tMDS
tMDS
tMDS
tRESW
MD2 to MD0
RES
SWE bit
Mode switching*1
Mode
switching*1
Boot mode
User
mode
User
mode
User program mode
User
program
mode
SWE set
SWE clear
*2
Notes: 1. In transition to the boot mode and transition from the boot mode to another mode, mode switching via
RES
input is necessary.
During this switching period (period during which a low level is input to the
RES pin), the state of the address
dual port and bus control output signals (
AS, RD, WR) changes.
Therefore, do not use these pins as output signals during this switching period.
2. When making a transition from the boot mode to another mode, the mode programming setup time tMDS
relative to the
RES clear timing is necessary.
3. See section 18.2.5 Flash Memory Characteristics.
Figure 15.19 Mode Transition Timing
(Example: Boot mode
→ User mode ↔ User program mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com