Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7733 Datasheet(PDF) 605 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 605 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 601Page - Renesas Technology Corp 7733 Datasheet HTML 602Page - Renesas Technology Corp 7733 Datasheet HTML 603Page - Renesas Technology Corp 7733 Datasheet HTML 604Page - Renesas Technology Corp 7733 Datasheet HTML 605Page - Renesas Technology Corp 7733 Datasheet HTML 606Page - Renesas Technology Corp 7733 Datasheet HTML 607Page - Renesas Technology Corp 7733 Datasheet HTML 608Page - Renesas Technology Corp 7733 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21–57
Symbols in machine instructions table
Description
Symbol
Description
Symbol
IMP
IMM
A
DIR
DIR, b
DIR, X
DIR, Y
(DIR)
(DIR,X)
(DIR), Y
L (DIR)
L (DIR),Y
ABS
ABS, b
ABS, X
ABS, Y
ABL
ABL, X
(ABS)
L (ABS)
(ABS, X)
STK
REL
DIR, b, REL
ABS, b, REL
SR
(SR), Y
BLK
C
Z
I
D
x
m
V
N
IPL
Implied addressing mode
Immediate addressing mode
Accumulator addressing mode
Direct addressing mode
Direct bit addressing mode
Direct indexed X addressing mode
Direct indexed Y addressing mode
Direct indirect addressing mode
Direct indexed X indirect addressing mode
Direct indirect indexed Y addressing mode
Direct indirect long addressing mode
Direct indirect long indexed Y addressing mode
Absolute addressing mode
Absolute bit addressing mode
Absolute indexed X addressing mode
Absolute indexed Y addressing mode
Absolute long addressing mode
Absolute long indexed X addressing mode
Absolute indirect addressing mode
Absolute indirect long addressing mode
Absolute indexed X indirect addressing mode
Stack addressing mode
Relative addressing mode
Direct bit relative addressing mode
Absolute bit relative addressing mode
Stack pointer relative addressing mode
Stack pointer relative indirect indexed Y
addressing mode
Block transfer addressing mode
Carry flag
Zero flag
Interrupt disable flag
Decimal operation mode flag
Index register length selection flag
Data length selection flag
Overflow flag
Negative flag
Processor interrupt priority level
Addition
Subtraction
Multiplication
Division
Logical AND
Logical OR
–
←
ACC
ACCH
ACCL
A
AH
AL
B
BH
BL
X
XH
XL
Y
YH
YL
S
PC
PCH
PCL
PG
DT
DPR
DPRH
DPRL
PS
PSH
PSL
PSb
M(S)
Mb
ADG
ADH
ADL
op
n
#
i
i1, i2
Exclusive OR
Negation
Movement to the arrow direction
Accumulator
Accumulator’s upper 8 bits
Accumulator’s lower 8 bits
Accumulator A
Accumulator A’s upper 8 bits
Accumulator A’s lower 8 bits
Accumulator B
Accumulator B’s upper 8 bits
Accumulator B’s lower 8 bits
Index register X
Index register X’s upper 8 bits
Index register X’s lower 8 bits
Index register Y
Index register Y’s upper 8 bits
Index register Y’s lower 8 bits
Stack pointer
Program counter
Program counter’s upper 8 bits
Program counter’s lower 8 bits
Program bank register
Data bank register
Direct page register
Direct page register’s upper 8 bits
Direct page register’s lower 8 bits
Processor status register
Processor status register’s upper 8 bits
Processor status register’s lower 8 bits
Processor status register’s b-th bit
Contents of memory at address indicated by
stack pointer
b-th memory location
Value of 24-bit address’s upper 8-bit (A23–A16)
Value of 24-bit address’s middle 8-bit (A15–A8)
Value of 24-bit address’s lower 8-bit (A7–A0)
Operation code
Number of cycle
Number of byte
Number of transfer byte or rotation
Number of registers pushed or pulled
+
–
V
/
∨
∧
∨
Appendix 6. Machine instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com