Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7733 Datasheet(PDF) 704 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 704 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 700Page - Renesas Technology Corp 7733 Datasheet HTML 701Page - Renesas Technology Corp 7733 Datasheet HTML 702Page - Renesas Technology Corp 7733 Datasheet HTML 703Page - Renesas Technology Corp 7733 Datasheet HTML 704Page - Renesas Technology Corp 7733 Datasheet HTML 705Page - Renesas Technology Corp 7733 Datasheet HTML 706Page - Renesas Technology Corp 7733 Datasheet HTML 707Page - Renesas Technology Corp 7733 Datasheet HTML 708Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 704 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7735 Group User’s Manual
12–28
External data bus
Data length
External data bus width
Software wait
8
16
8, 16
16
(When accessed starting from even address)
Wait 0
In use
q State when “L” level is input to pin HOLD
ALE
HLDA
HOLD
Address A
Address B
1
! 1
1
! 1
Hold state
Data
Sampling timing
<<When “L” level is input to pin HOLD while bus is in use (3)>>
External address bus/
External data bus
External address bus
Clock
1
Address A
Floating
Floating
Floating
BHE
Œ
g
CS0 to CS4
Bus is in use.
Bus is in use.
Bus is not in use.
Œ When “L” level which is input to pin HOLD is accepted, the address which was output
immediately before is output again, instead of a new address.
g RDE, WEL, WEH
Fig. 12.4.5 Timing when hold state is accepted and terminated (4)
12.4 Hold function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com