Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7733 Datasheet(PDF) 728 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 728 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 724Page - Renesas Technology Corp 7733 Datasheet HTML 725Page - Renesas Technology Corp 7733 Datasheet HTML 726Page - Renesas Technology Corp 7733 Datasheet HTML 727Page - Renesas Technology Corp 7733 Datasheet HTML 728Page - Renesas Technology Corp 7733 Datasheet HTML 729Page - Renesas Technology Corp 7733 Datasheet HTML 730Page - Renesas Technology Corp 7733 Datasheet HTML 731Page - Renesas Technology Corp 7733 Datasheet HTML 732Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 728 / 940 page
background image
APPLICATIONS
7735 Group User’s Manual
17–2
17.1 Memory expansion
Concerning chapter “17. APPLICATIONS,” the 7735 Group differs from the 7733 Group in the following
sections. Therefore, only the differences are described in this chapter:
• “17.1 Memory expansion”
• “17.4 Power saving”
The following sections of the 7735 Group are the same as those of the 7733 Group. Therefore, for these
sections, refer to part 1:
• “17.2 Serial I/O” (page 17-28 in part 1)
• “17.3 Watchdog timer” (page 17-41 in part 1)
• “17.5 Timer B” (page 17-54 in part 1)
17.1 Memory expansion
Memory • I/O expansion examples of the M37735MHBXXXFP are described below.
• For functions and operations of pins used in memory • I/O expansion, refer to chapter “12. CONNECTING
EXTERNAL DEVICES.”
• For timing characteristics, refer to chapter “15. ELECTRICAL CHARACTERISTICS.”
17.1.1 Memory expansion model
Memory expansion to the external is available in the memory expansion or microprocessor mode. In the
M37735MHBXXXFP, the desired memory expansion model can be selected from two models listed in Table
17.1.1. This selection depends on the level of the external data bus width selection signal (BYTE).
(1) 8-bit external data bus model
The external data bus is 8 bits wide and the accessible area can be expanded up to 1 Mbytes. The
low-order 8 bits of the external address bus (A7 to A0) are multiplexed with the external data bus.
Therefore, one 8-bit address latch is necessary in order to latch A7 to A0.
(2) 16-bit external data bus model
The external data bus is 16 bits wide and the accessible area can be expanded up to 1 Mbytes. The
low-order 16 bits of the external address bus (A15 to A0) are multiplexed with the external data bus.
Therefore, two 8-bit address latches are necessary in order to latch A7 to A0 and A15 to A8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com