Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7733 Datasheet(PDF) 804 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 804 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 800Page - Renesas Technology Corp 7733 Datasheet HTML 801Page - Renesas Technology Corp 7733 Datasheet HTML 802Page - Renesas Technology Corp 7733 Datasheet HTML 803Page - Renesas Technology Corp 7733 Datasheet HTML 804Page - Renesas Technology Corp 7733 Datasheet HTML 805Page - Renesas Technology Corp 7733 Datasheet HTML 806Page - Renesas Technology Corp 7733 Datasheet HTML 807Page - Renesas Technology Corp 7733 Datasheet HTML 808Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 940 page
background image
7736 Group User’s Manual
2
PART 3 7736 Group
The differences between the 7736 Group and the 7733 Group are mainly described below.
For the 7733 Group, refer to part “1. 7733 Group.”
For the 7735 Group, refer to part “2. 7735 Group.”
The 7736 Group differs from the 7733/7735 Group in the following:
• External bus mode in the memory expansion mode and the microprocessor mode
(In the 7736 Group, pin BSEL’s level determines the external bus mode, which is A or B.)
• Output port P9 and I/O port P10
(Ports P9 and P10 are assigned only for the 7736 Group.)
• Pin assignment for the key input interrupt
(In the 7736 Group, the pins are assigned to pins P104 to P107.)
• Pin assignment for UART2
(In the 7736 Group, the pins are assigned to pins P90 to P93.)
• External ROM version
(In the 7736 Group, there is no external ROM version.)
• Package
(In the 7736 Group, the 100-pin QFP is used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com