Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7733 Datasheet(PDF) 933 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 933 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 929Page - Renesas Technology Corp 7733 Datasheet HTML 930Page - Renesas Technology Corp 7733 Datasheet HTML 931Page - Renesas Technology Corp 7733 Datasheet HTML 932Page - Renesas Technology Corp 7733 Datasheet HTML 933Page - Renesas Technology Corp 7733 Datasheet HTML 934Page - Renesas Technology Corp 7733 Datasheet HTML 935Page - Renesas Technology Corp 7733 Datasheet HTML 936Page - Renesas Technology Corp 7733 Datasheet HTML 937Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 940 page
background image
7733/7735/7736 Group User’s Manual
Term
Meaning
Relevant term
Underflow
Countup/Count up
Stop mode
Wait mode
Fetch
Pull-up
Pull-down
Scan output
Return input
Key matrix
Bus control signal
Wait mode
Main clock
Internal clock
φ
Clock synchronous
serial I/O
Overflow
Count down/Countdown
Stop mode
Overflow
Power saving
Prefetch
Pull-down
Pull-up
Read-modify-write
instruction
Return input
Scan output
Signal required for
accessing external
device
Stop mode
Sub clock
Synchronizing clock
System clock
UART
Underflow
Wait mode
noun
noun
verb
noun
noun
noun
noun
noun
noun
noun
noun
noun
noun
noun
noun
noun
A state where the result obtained by the countup is
greater than the counter resolution
Means saving the power consumption by using the
stop or wait mode, etc.
Means taking an op-code and operand from a memory
into an instruction queue buffer.
Means connecting with Vss line for stabilizing its I/O
level.
Means connecting with Vcc line for stabilizing its I/O
level.
An instruction which reads the contents of SFR and
RAM, modifies them, and writes them back to the same
addresses.
They are the ASL, CLB, DEC, INC, LSR, ROL, ROR,
and SEB instructions
Input signal from the key matrix to the microcomputer.
It is used to detect a key input
Output signal from the microcomputer to the key
matrix. It is used to detect a key input.
A generic name for a bus control signal, an address
bus signal, a data bus signal, and a chip select
signal. (Note that the chip select signal is only for the
7735 Group or external bus mode B of the 7736 Group.)
A state where all of the oscillation circuits stop oper-
ating and the program execution is stopped. By ex-
ecuting the STP instruction, the microcomputer enters
the stop mode.
A clock which is input from pin XCIN
A transfer clock for the clock synchronous serial I/O
One of the following: the main clock, which is input
from pin XIN or the sub clock, which is input from pin
XCIN
Note: In the microcomputers other than the 7733/7735/
7736 Group, definition of “system clock” may
be different.
Clock asynchronous serial I/O.
When it is used as the name of a functional block, this
term also means the serial I/O which can be switched
to the clock synchronous serial I/O.
A state where the result obtained by the countdown is
greater than the counter resolution
A state where one or more oscillation circuits are op-
erating (in other words, they are oscillating), however,
the program execution is stopped. By executing the
WIT instruction, the microcomputer enters the wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com