Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028F Datasheet(PDF) 904 Page - Renesas Technology Corp

Part # H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 904 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 900Page - Renesas Technology Corp H8/3028F Datasheet HTML 901Page - Renesas Technology Corp H8/3028F Datasheet HTML 902Page - Renesas Technology Corp H8/3028F Datasheet HTML 903Page - Renesas Technology Corp H8/3028F Datasheet HTML 904Page - Renesas Technology Corp H8/3028F Datasheet HTML 905Page - Renesas Technology Corp H8/3028F Datasheet HTML 906Page - Renesas Technology Corp H8/3028F Datasheet HTML 907Page - Renesas Technology Corp H8/3028F Datasheet HTML 908Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 904 / 923 page
background image
Rev. 2.00, 09/03, page 874 of 890
Pin
Name Mode Reset
Hardware
Standby
Mode
Software Standby
Mode
Bus-Released
Mode
Program Execution
Mode
PA6 to
PA4
3 to 5 T
T
• Address output*
5
(SSOE=0)
T
(SSOE=1)
Keep
• Otherwise*
6
Keep
• Address output*
5
T
• Otherwise*
6
Keep
• Address output
A23 to A21
• Otherwise
I/O port
PA7
1, 2
T
T
Keep
Keep
I/O port
3, 4
L
T
(SSOE=0)
T
(SSOE=1)
Keep
TA20
5L
T
• When A20E = 0
SSOE = 0
T
SSOE = 1
Keep
• When A20E = 1
Keep
• When A20E = 0
T
• When A20E = 1
Keep
• When A20E = 0
A20
• When A20E = 1
I/O port
6, 7
T
T
Keep
—
I/O port
PB1 to
PB0
1 to 5 T
T
• CS output*
7
(SSOE=0)
T
(SSOE=1)
H
• Otherwise*
8
Keep
• CS output*
7
T
• Otherwise*
8
Keep
• CS output
CS7 to CS6
• Otherwise
I/O port
6, 7
T
T
Keep
—
I/O port
PB2
1 to 5 T
T
• RAS5 output*
9
(SSOE=0)
T
(SSOE=1)
H
• CS output*
10
(SSOE=0)
T
(SSOE=1)
H
• Otherwise*
11
Keep
• RAS5 output*
9
T
• CS output*
10
T
• Otherwise*
11
Keep
• RAS5 output
RAS5
• CS output
CS5
• Otherwise
I/O port
6, 7
T
T
Keep
—
I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com