Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 108Page - Renesas Technology Corp M38K02FD Datasheet HTML 109Page - Renesas Technology Corp M38K02FD Datasheet HTML 110Page - Renesas Technology Corp M38K02FD Datasheet HTML 111Page - Renesas Technology Corp M38K02FD Datasheet HTML 112Page - Renesas Technology Corp M38K02FD Datasheet HTML 113Page - Renesas Technology Corp M38K02FD Datasheet HTML 114Page - Renesas Technology Corp M38K02FD Datasheet HTML 115Page - Renesas Technology Corp M38K02FD Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 95 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Table 11 Description of pin function (Standard Serial I/O Mode)
Pin name
Signal name
I/O
VCC,VSS
Power supply
VCCE
Power supply
CNVSS
VPP
I
CNVSS2
CNVSS2I
VREF
Analog reference voltage
I
DVCC, PVCC
Analog power supply
PVSS
Analog power supply
____________
RESET
Reset input
I
XIN
Clock input
I
XOUT
Clock output
O
USBVREF
USB reference voltage input
TrON
USB reference voltage output
O
D0+,D0-
USB upstream input
I/O
P00 to P07
Input port P0
I
P10 to P15
Input port P1
I
P16
Input port P1
I
P17
Input port P1
I
P20 to P27
Input port P2
I
P30 to P37
Input port P3
I
P40
RxD input
I
P41
TxD output
O
P42
SCLK input
I
P43
BUSY output
O
P50 to P57
Input port P5
I
P60 to P63
Input port P6
I
Function
Apply 3.00 to 5.25 V (L version) to the Vcc pin and 0 V to the Vss pin.
Connect this pin to Vcc.
Connect this pin to VPP (VPP = 4.50 to 5.25 V).
Connect this pin to Vss.
Connect this pin to Vcc when not using.
Connect this pin to Vcc.
Connect this pin to Vss.
To reset, input “L” level for 20 cycles or longer clocks of
φ.
Connect a ceramic or crystal resonator between the XIN and XOUT pins. When
entering an externally drived clock, enter it from XIN and leave XOUT open.
Connect this pin to Vcc when not using.
Leave this pin open when not using.
Input “L” level when not using.
Input “L” or “H” level, or keep open.
Input “L” or “H” level, or keep open.
Input “L” or “H” level, or keep open. Input “H” level only at release of reset.
Input “L” or “H” level, or keep open.
Input “L” or “H” level, or keep open.
Input “L” or “H” level, or keep open.
This is a serial data input pin.
This is a serial data output pin.
This is a serial clock input pin.Input “H” level only at release of reset.
This is a BUSY output pin.
Input “L” or “H” level, or keep open.
Input “L” or “H” level, or keep open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com