Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 112Page - Renesas Technology Corp M38K02FD Datasheet HTML 113Page - Renesas Technology Corp M38K02FD Datasheet HTML 114Page - Renesas Technology Corp M38K02FD Datasheet HTML 115Page - Renesas Technology Corp M38K02FD Datasheet HTML 116Page - Renesas Technology Corp M38K02FD Datasheet HTML 117Page - Renesas Technology Corp M38K02FD Datasheet HTML 118Page - Renesas Technology Corp M38K02FD Datasheet HTML 119Page - Renesas Technology Corp M38K02FD Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 99 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 127 Timing for clear status register
qClear Status Register Command
This command clears the bits (SR3 to SR5) which are set when
the status register operation ends in error. When the “5016” com-
mand code is sent with the 1st byte, the aforementioned bits are
cleared. When the clear status register operation ends, the SRDY
(BUSY) signal changes from “H” to “L” level.
SCLK
RxD
TxD
SRDY (BUSY)
5016
A8 to
A15
A16 to
A23
4116
data0
data255
SCLK
RxD
TxD
SRDY (BUSY)
qPage Program Command
This command writes the specified page (256 bytes) in the flash
memory sequentially one byte at a time. Execute the page pro-
gram command as explained here following.
(1) Transfer the “4116” command code with the 1st byte.
(2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and
3rd bytes respectively.
(3) From the 4th byte onward, as write data (D0 to D7) for the
page (256 bytes) specified with addresses A8 to A23 is input
sequentially from the smallest address first, that page is auto-
matically written.
When reception setup for the next 256 bytes ends, the SRDY
(BUSY) signal changes from “H” to “L” level. The result of the
page program can be known by reading the status register. For
more information, see the section on the status register.
Fig. 128 Timing for page program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com