Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 108Page - Renesas Technology Corp H8/3002 Datasheet HTML 109Page - Renesas Technology Corp H8/3002 Datasheet HTML 110Page - Renesas Technology Corp H8/3002 Datasheet HTML 111Page - Renesas Technology Corp H8/3002 Datasheet HTML 112Page - Renesas Technology Corp H8/3002 Datasheet HTML 113Page - Renesas Technology Corp H8/3002 Datasheet HTML 114Page - Renesas Technology Corp H8/3002 Datasheet HTML 115Page - Renesas Technology Corp H8/3002 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 700 page
background image
5.4.3 Interrupt Response Time
Table 5-5 indicates the interrupt response time from the occurrence of an interrupt request until
the first instruction of the interrupt service routine is executed.
Table 5-5 Interrupt Response Time
External Memory
8-Bit Bus
16-Bit Bus
No. Item
2 States
3 States
2 States
3 States
1
Interrupt priority decision
2*1
2*1
2*1
2*1
2*1
2
Maximum number of states
1 to 23
1 to 27
1 to 31*4
1 to 23
1 to 25*4
until end of current instruction
3
Saving PC and CCR to stack
4
8
12*4
46*4
4
Vector fetch
4
8
12*4
46*4
5
Instruction prefetch*2
4812*4
46*4
6
Internal processing*3
44444
Total
19 to 41
31 to 57
43 to 73
19 to 41
25 to 49
Notes: 1. 1 state for internal interrupts.
2. Prefetch after the interrupt is accepted and prefetch of the first instruction in the interrupt
service routine.
3. Internal processing after the interrupt is accepted and internal processing after prefetch.
4. The number of states increases if wait states are inserted in external memory access.
On-Chip
Memory
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com