Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 306Page - Renesas Technology Corp H8/3002 Datasheet HTML 307Page - Renesas Technology Corp H8/3002 Datasheet HTML 308Page - Renesas Technology Corp H8/3002 Datasheet HTML 309Page - Renesas Technology Corp H8/3002 Datasheet HTML 310Page - Renesas Technology Corp H8/3002 Datasheet HTML 311Page - Renesas Technology Corp H8/3002 Datasheet HTML 312Page - Renesas Technology Corp H8/3002 Datasheet HTML 313Page - Renesas Technology Corp H8/3002 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 700 page
background image
Bits 5 and 4—Combination Mode 1 and 0 (CMD1, CMD0): These bits select whether channels
3 and 4 operate in normal mode, complementary PWM mode, or reset-synchronized PWM mode.
Bit 5
Bit 4
CMD1
CMD0
Description
0
0
Channels 3 and 4 operate normally
(Initial value)
1
1
0
Channels 3 and 4 operate together in complementary PWM mode
1
Channels 3 and 4 operate together in reset-synchronized PWM mode
Before selecting reset-synchronized PWM mode or complementary PWM mode, halt the timer
counter or counters that will be used in these modes.
When these bits select complementary PWM mode or reset-synchronized PWM mode, they take
precedence over the setting of the PWM mode bits (PWM4 and PWM3) in TMDR. Settings of
timer sync bits SYNC4 and SYNC3 in TSNC are valid in complementary PWM mode and reset-
synchronized PWM mode, however. When complementary PWM mode is selected, channels 3
and 4 must not be synchronized (do not set bits SYNC3 and SYNC4 both to 1 in TSNC).
Bit 3—Buffer Mode B4 (BFB4): Selects whether GRB4 operates normally in channel 4, or
whether GRB4 is buffered by BRB4.
Bit 3
BFB4
Description
0
GRB4 operates normally
(Initial value)
1
GRB4 is buffered by BRB4
Bit 2—Buffer Mode A4 (BFA4): Selects whether GRA4 operates normally in channel 4, or
whether GRA4 is buffered by BRA4.
Bit 2
BFA4
Description
0
GRA4 operates normally
(Initial value)
1
GRA4 is buffered by BRA4
296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com