Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 309Page - Renesas Technology Corp H8/3002 Datasheet HTML 310Page - Renesas Technology Corp H8/3002 Datasheet HTML 311Page - Renesas Technology Corp H8/3002 Datasheet HTML 312Page - Renesas Technology Corp H8/3002 Datasheet HTML 313Page - Renesas Technology Corp H8/3002 Datasheet HTML 314Page - Renesas Technology Corp H8/3002 Datasheet HTML 315Page - Renesas Technology Corp H8/3002 Datasheet HTML 316Page - Renesas Technology Corp H8/3002 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 700 page
background image
Bit 2—Master Enable TIOCB4 (EB4): Enables or disables ITU output at pin TIOCB4.
Bit 2
EB4
Description
0
TIOCB4 output is disabled regardless of TIOR4 and TFCR settings (TIOCB4 operates as
a generic input/output pin).
If XTGD = 0, EB4 is cleared to 0 when input capture A occurs in channel 1.
1
TIOCB4 is enabled for output according to TIOR4 and TFCR settings
(Initial value)
Bit 1—Master Enable TIOCA4 (EA4): Enables or disables ITU output at pin TIOCA4.
Bit 1
EA4
Description
0
TIOCA4 output is disabled regardless of TIOR4, TMDR, and TFCR settings (TIOCA4
operates as a generic input/output pin).
If XTGD = 0, EA4 is cleared to 0 when input capture A occurs in channel 1.
1
TIOCA4 is enabled for output according to TIOR4, TMDR, and
(Initial value)
TFCR settings
Bit 0—Master Enable TIOCA3 (EA3): Enables or disables ITU output at pin TIOCA3.
Bit 0
EA3
Description
0
TIOCA3 output is disabled regardless of TIOR3, TMDR, and TFCR settings (TIOCA3
operates as a generic input/output pin).
If XTGD = 0, EA3 is cleared to 0 when input capture A occurs in channel 1.
1
TIOCA3 is enabled for output according to TIOR3, TMDR, and
(Initial value)
TFCR settings
299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com