Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 319Page - Renesas Technology Corp H8/3002 Datasheet HTML 320Page - Renesas Technology Corp H8/3002 Datasheet HTML 321Page - Renesas Technology Corp H8/3002 Datasheet HTML 322Page - Renesas Technology Corp H8/3002 Datasheet HTML 323Page - Renesas Technology Corp H8/3002 Datasheet HTML 324Page - Renesas Technology Corp H8/3002 Datasheet HTML 325Page - Renesas Technology Corp H8/3002 Datasheet HTML 326Page - Renesas Technology Corp H8/3002 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 700 page
background image
Each TSR is an 8-bit readable/writable register containing flags that indicate TCNT overflow or
underflow and GRA or GRB compare match or input capture. These flags are interrupt sources
and generate CPU interrupts if enabled by corresponding bits in TIER.
TSR is initialized to H'F8 by a reset and in standby mode.
Bits 7 to 3—Reserved: These bits cannot be modified and are always read as 1.
Bit 2—Overflow Flag (OVF): This status flag indicates TCNT overflow or underflow.
Bit 2
OVF
Description
0
[Clearing condition]
(Initial value)
Read OVF when OVF = 1, then write 0 in OVF
1
[Setting condition]
TCNT overflowed from H'FFFF to H'0000, or underflowed from H'0000 to H'FFFF*
Notes: * TCNT underflow occurs when TCNT operates as an up/down-counter. Underflow occurs
only under the following conditions:
1. Channel 2 operates in phase counting mode (MDF = 1 in TMDR)
2. Channels 3 and 4 operate in complementary PWM mode (CMD1 = 1 and CMD0 = 0 in
TFCR)
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
*
2
OVF
0
R/(W)
Reserved bits
Note:
Only 0 can be written, to clear the flag.
*
*
1
IMFB
0
R/(W)
*
0
IMFA
0
R/(W)
Overflow flag
Status flag indicating
overflow or underflow
Input capture/compare match flag B
Status flag indicating GRB compare
match or input capture
Input capture/compare match flag A
Status flag indicating GRA compare
match or input capture
309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com