Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 320Page - Renesas Technology Corp H8/3002 Datasheet HTML 321Page - Renesas Technology Corp H8/3002 Datasheet HTML 322Page - Renesas Technology Corp H8/3002 Datasheet HTML 323Page - Renesas Technology Corp H8/3002 Datasheet HTML 324Page - Renesas Technology Corp H8/3002 Datasheet HTML 325Page - Renesas Technology Corp H8/3002 Datasheet HTML 326Page - Renesas Technology Corp H8/3002 Datasheet HTML 327Page - Renesas Technology Corp H8/3002 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 700 page
background image
Bit 1—Input Capture/Compare Match Flag B (IMFB): This status flag indicates GRB
compare match or input capture events.
Bit 1
IMFB
Description
0
[Clearing condition]
(Initial value)
Read IMFB when IMFB = 1, then write 0 in IMFB
1
[Setting conditions]
TCNT = GRB when GRB functions as an output compare register.
TCNT value is transferred to GRB by an input capture signal, when GRB functions as
an input capture register.
Bit 0—Input Capture/Compare Match Flag A (IMFA): This status flag indicates GRA
compare match or input capture events.
Bit 0
IMFA
Description
0
[Clearing condition]
(Initial value)
Read IMFA when IMFA = 1, then write 0 in IMFA.
DMAC activated by IMIA interrupt (channels 0 to 3 only).
1
[Setting conditions]
TCNT = GRA when GRA functions as an output compare register.
TCNT value is transferred to GRA by an input capture signal, when GRA functions
as an input capture register.
310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com