Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 68Page - Renesas Technology Corp M38K09RFS Datasheet HTML 69Page - Renesas Technology Corp M38K09RFS Datasheet HTML 70Page - Renesas Technology Corp M38K09RFS Datasheet HTML 71Page - Renesas Technology Corp M38K09RFS Datasheet HTML 72Page - Renesas Technology Corp M38K09RFS Datasheet HTML 73Page - Renesas Technology Corp M38K09RFS Datasheet HTML 74Page - Renesas Technology Corp M38K09RFS Datasheet HTML 75Page - Renesas Technology Corp M38K09RFS Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 55 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
(1) External I/O Interface Part
The external I/O interface part consists of a command decoder
and an output selector. A command decoder generates the follow-
ing signals to each unit.
qCPU interface part
•CPU channel read (Cch_RD)
•CPU channel write (Cch_WR)
qInternal memory interface part
•Memory channel read (Mch_RD)
•Memory channel write (Mch_WR)
•Memory channel terminal count (Mch_TC)
qTransmit/receive data buffer part
•Buffer write (Buf_WR)
qExternal I/O interface part
•Status selection (stt_sel)
•Output enable (ExOE)
Access to the CPU channel can be controlled only by setup of
external signals.
Access to the memory channel can be controlled by the value of
the external I/O configuration register and the state (mRX_enb,
mTX_enb signals) of the internal memory interface part.
The output selector has the function which selects from the state
of CPU channel (TxB_RDY and RxD_RDY) and the state of
memory channel (Mch_req) as the signal assigned to P33/
ExINT pin and P40/ExDREQ/RxD pin.
(2) CPU Interface Part
The CPU interface part consists of the decoder/data selector of
the CPU channel, the CPU write register and CPU channel con-
troller
qDecoder/data selector of CPU channel
A write operation to the CPU register is performed by generating a
write signal for each register with an address decode signal and a
write signal.
A read operation from the CPU register is performed by generat-
ing an output enable signal of the internal data bus with an module
select signal and a read signal and generating a select signal for
each register with an address decode signal.
qCPU write register
There are three CPU write registers as follows:
•EXB interrupt source enable register
•Index register
•External I/O configuration register
The EXB interrupt source register is a read-only register.
A status signal of the CPU channel controller and a status signal
of the memory channel controller in the internal memory interface
part are generated.
qCPU channel controller
The CPU channel controller generates the following signals, using
bits 0 and 1 (RXB_ENB, TXB_ENB) of EXB interrupt source en-
able register.
•Memory channel transmitting buffer control signal (MRD_sel),
generated in the internal memory interface part
•CPU channel command signal (Cch_RD, Cch_WR), generated
in the external I/O interface part
•Signals RxB_RDY/RxB_full and TxB_RDY/TxB_empty, gener-
ated with read/write signals from the CPU channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com