Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 110Page - Renesas Technology Corp M38K09RFS Datasheet HTML 111Page - Renesas Technology Corp M38K09RFS Datasheet HTML 112Page - Renesas Technology Corp M38K09RFS Datasheet HTML 113Page - Renesas Technology Corp M38K09RFS Datasheet HTML 114Page - Renesas Technology Corp M38K09RFS Datasheet HTML 115Page - Renesas Technology Corp M38K09RFS Datasheet HTML 116Page - Renesas Technology Corp M38K09RFS Datasheet HTML 117Page - Renesas Technology Corp M38K09RFS Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 97 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Software Commands
Table 12 lists software commands. In standard serial I/O mode,
erase, program and read are controlled by transferring software
commands via the RxD pin. Software commands are explained
2nd byte
Address
(middle)
3rd byte
Address
(high)
4th byte
Data
output
5th byte
Data
output
6th byte
Data
output
.....
Data
output to
259th byte
Data input
to 259th
byte
FF16
When ID is
not verified
Not
acceptable
1st byte
transfer
Notes1: Shading indicates transfer from the internal flash memory microcomputer to a programmer. All other data is transferred from a programmer to the in-
ternal flash memory microcomputer.
2: SRD refers to status register data. SRD1 refers to status register 1 data.
3: All commands can be accepted when the flash memory is totally blank.
4: Address low is A0 to A7; Address middle is A8 to A15; Address high is A16 to A23. Address-high A16 to A23 are always “0016”.
here below. Basically, the software commands of the standard se-
rial I/O mode are the same as that of the parallel I/O mode, but the
block erase function is excluded, and 4 commands are added: ID
check, download, version data output and Boot ROM area output
functions.
Table 12 Software commands (Standard serial I/O mode)
Control command
1
Page read
2
Page program
4116
Address
(middle)
Address
(high)
Data
input
Data
input
Data
input
Not
acceptable
Not
acceptable
Acceptable
3
Erase all blocks
A716
D016
SRD1
output
4
Read status register
7016
SRD
output
5
Clear status register
5016
Address
(low)
Address
(middle)
Not
acceptable
6
ID check function
F516
Acceptable
7
Download function
FA16
Size
(low)
Size
(high)
Address
(high)
Check-
sum
ID size
ID1
To ID7
Not
acceptable
8
Version data output function
FB16
Data
input
To
required
number
of times
Acceptable
FC16
Version
data
output
Address
(high)
Version
data
output
Data
output
Version
data
output
Data
output
Version
data
output
Data
output
Version
data output
to 9th byte
Data
output to
259th byte
Not
acceptable
9
Boot ROM area output
function
Version
data
output
Address
(middle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com