Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 129Page - Renesas Technology Corp M38K09RFS Datasheet HTML 130Page - Renesas Technology Corp M38K09RFS Datasheet HTML 131Page - Renesas Technology Corp M38K09RFS Datasheet HTML 132Page - Renesas Technology Corp M38K09RFS Datasheet HTML 133Page - Renesas Technology Corp M38K09RFS Datasheet HTML 134Page - Renesas Technology Corp M38K09RFS Datasheet HTML 135Page - Renesas Technology Corp M38K09RFS Datasheet HTML 136Page - Renesas Technology Corp M38K09RFS Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 328 page
background image
2.1 I/O port
Rev.2.00
Oct 05, 2006
page 4 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.1.4 Structure of Port P0 pull-up control register
Fig. 2.1.5 Structure of Port P5 pull-up control register
b7 b6 b5 b4 b3 b2 b1 b0
RW
0
0
2
0
3
0
4
0
5
0
6
0
7
0
1
0
P00 pul l-up control bit
Port P0 pull-up control register (PULL0)
[Address : 0FF016]
B
Function
At reset
Name
Port P0 pull-up control register
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
P00 pul l-up control bit
0 : No pull-up
1 : Pull-up
b7 b6 b5 b4 b3 b2 b1 b0
R W
0
0
2
0
3
0
40
50
60
7
0
1
0
P50 pul l-up control bit
Port P5 pull-up control register (PULL5)
[Address : 0FF216]
B
Function
At reset
Name
Port P5 pull-up control register
0 : No pull-up
1 : Pull-up
P52 pul l-up control bit
0 : No pull-up
1 : Pull-up
Nothing is arranged for this bit. This is a write disabled bit.
When this bit is read out, the contents are “0”.
Nothing is arranged for these bits. These are write disabled
bits. When these bits are read out, the contents are “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com