Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 136Page - Renesas Technology Corp M38K09RFS Datasheet HTML 137Page - Renesas Technology Corp M38K09RFS Datasheet HTML 138Page - Renesas Technology Corp M38K09RFS Datasheet HTML 139Page - Renesas Technology Corp M38K09RFS Datasheet HTML 140Page - Renesas Technology Corp M38K09RFS Datasheet HTML 141Page - Renesas Technology Corp M38K09RFS Datasheet HTML 142Page - Renesas Technology Corp M38K09RFS Datasheet HTML 143Page - Renesas Technology Corp M38K09RFS Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 328 page
background image
2.2 Interrupt
Rev.2.00
Oct 05, 2006
page 11 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.2.3 Interrupt source
The 38K0 group permits interrupts of 15 sources. These are vector interrupts with a fixed priority system.
Accordingly, when two or more interrupt requests occur during the same sampling, the higher-priority
interrupt is accepted first. This priority is determined by hardware, but a variety of priority processing can
be performed by software, using an interrupt enable bit and an interrupt disable flag.
For interrupt sources, vector addresses and interrupt priority, refer to Table 2.2.1.
Table 2.2.1 Interrupt sources, vector addresses and priority of 38K0 group
Remarks
Low
FFFC16
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFE816
FFE616
FFE416
FFE216
FFE016
FFDE16
FFDC16
High
FFFD16
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
FFEB16
FFE916
FFE716
FFE516
FFE316
FFE116
FFDF16
FFDD16
Notes 1: Vector addresses contain interrupt jump destination addresses.
2: Reset function in the same way as an interrupt with the highest priority.
3: Nothing is arranged in these vector addresses.
4: Fix bit 1 of interrupt control register 2 (address 003F16) to “0”.
Vector Addresses (Note 1)
Non-maskable
Valid when USB mode
Valid when USB mode
Valid when USB mode
Valid when external bus is selected
External interrupt
(active edge selectable)
STP release timer underflow
External interrupt
(active edge selectable)
(Note 4)
Valid when serial I/O is selected
Valid when serial I/O is selected
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
Non-maskable software interrupt
Interrupt Source
Reset (Note 2)
USB bus reset
USB SOF
USB device
External bus
INT0
Timer X
Timer 1
Timer 2
INT1
(Note 3)
Serial I/O
reception
Serial I/O
transmission
CNTR0
Key-on wake up
A/D conversion
BRK instruction
Priority
1
2
3
4
5
6
7
8
9
10
—
11
12
13
14
15
16
Interrupt Request
Generating Conditions
At reset
At detection of USB bus reset
signal (2.5
µs interval SE0)
At detection of USB SOF signal
At detection of resume signal (K
state or SE0) or suspend signal
(3 ms interval bus idle), or at
completion of transaction
At completion of reception or
transmission or at completion of
DMA transmission
At detection of either rising or
falling edge of INT0 input
At timer X underflow
At timer 1 underflow
At timer 2 underflow
At detection of either rising or
falling edge of INT1 input
(Note 4)
At completion of serial I/O data
reception
At completion of serial I/O data
transmission
At detection of either rising or
falling edge of CNTR0 input
At falling of conjunction of input
level for port P0 (at input mode)
At completion of A/D conversion
At BRK instruction execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com