Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 155Page - Renesas Technology Corp M38K09RFS Datasheet HTML 156Page - Renesas Technology Corp M38K09RFS Datasheet HTML 157Page - Renesas Technology Corp M38K09RFS Datasheet HTML 158Page - Renesas Technology Corp M38K09RFS Datasheet HTML 159Page - Renesas Technology Corp M38K09RFS Datasheet HTML 160Page - Renesas Technology Corp M38K09RFS Datasheet HTML 161Page - Renesas Technology Corp M38K09RFS Datasheet HTML 162Page - Renesas Technology Corp M38K09RFS Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 328 page
background image
2.3 Timer
Rev.2.00
Oct 05, 2006
page 30 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.3.12 Control procedure
RESET
Initialization
Main processing
Clock stop ?
N
Y
RTI
TM
(address 2316), bit3
← 1
PREX
(address 2416)
← 30 – 1
TX
(address 2516)
← 125 – 1
IREQ1
(address 3C16), bit5
← 0
TM
(address 2316), bit3
← 0
CLT (Note 2)
CLD (Note 3)
Push registers to stack
<Procedure for completion of clock set>
(Note 1)
Timer X interrupt process routine
Clock count up (1/100 second to year)
Pop registers
•All interrupts disabled
•Timer X operating mode : Timer mode
•Timer X interrupt request bit cleared
•Timer X interrupt enabled
•“Division ratio – 1” set to Prescaler X and Timer X
•Timer X count start
•Interrupts enabled
•Timer X count stop
•Timer reset to restart count from 0 second after completion of
clock set
•Timer X count start
Note 2: When using Index X mode flag (T)
Note 3: When using Decimal mode flag (D)
•Push registers used in interrupt process routine
•Judgment whether clock stops
•Clock counted up
•Pop registers pushed to stack
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
Note 1: Perform procedure for completion of clock set only
when completing clock set.
SEI
TM
(address 2316)
← xxxx1x002
IREQ1
(address 3C16)
← xx0xxxxx2
ICON1
(address 3E16), bit5
← 1
PREX
(address 2416)
← 30 – 1
TX
(address 2516)
← 125 – 1
TM
(address 2316), bit3
← 0
CLI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com