Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 160Page - Renesas Technology Corp M38K09RFS Datasheet HTML 161Page - Renesas Technology Corp M38K09RFS Datasheet HTML 162Page - Renesas Technology Corp M38K09RFS Datasheet HTML 163Page - Renesas Technology Corp M38K09RFS Datasheet HTML 164Page - Renesas Technology Corp M38K09RFS Datasheet HTML 165Page - Renesas Technology Corp M38K09RFS Datasheet HTML 166Page - Renesas Technology Corp M38K09RFS Datasheet HTML 167Page - Renesas Technology Corp M38K09RFS Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 328 page
background image
2.3 Timer
Rev.2.00
Oct 05, 2006
page 35 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.3.19 Control procedure
RESET
IREQ1(address 3C16), bit5 ?
0
1
RTI
← TX (address 2516)
214 < (A) < 228
Fpulse
← 0
q x: This bit is not used here. Set it to “0” or “1” arbitrary.
•All interrupts disabled
•Timer X operating mode : Event counter mode
(Count a falling edge of pulses input from CNTR0 pin.)
•Division ratio set so that Timer 1 interrupt will occur at
2 ms intervals.
•Timer X count start
•Interrupts enabled
Note 1: When using Index X mode flag (T)
Note 2: When using Decimal mode flag (D)
•Push registers used in interrupt process routine
•Pop registers pushed to stack
•Counter value initialized
•Timer X interrupt request bit cleared
Initialization
•Timer 1 interrupt enabled
Timer 1 interrupt process routine
CLT (Note 1)
CLD (Note 2)
Push registers to stack
•Processing as out of range when the count value is 256 or more
•Count value read
•Count value into Accumulator (A) stored
In range
Out of range
•Read value with reference value
compared
•Comparison result to flag Fpulse
stored
Process judgment result
Pop registers
SEI
TM
(address 2316)
← XXXX11102
PRE12
(address 2016)
← 3 – 1
T1
(address 2116)
← 250 – 1
PREX
(address 2416)
← 1 – 1
TX
(address 2516)
← 256 – 1
ICON1
(address 3E16), bit6
← 1
TM
(address 2316), bit3
← 0
CLI
Fpulse
← 1
TX
(address 2516)
← 256 – 1
IREQ1
(address 3C16), bit5
← 0
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com