Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 166Page - Renesas Technology Corp M38K09RFS Datasheet HTML 167Page - Renesas Technology Corp M38K09RFS Datasheet HTML 168Page - Renesas Technology Corp M38K09RFS Datasheet HTML 169Page - Renesas Technology Corp M38K09RFS Datasheet HTML 170Page - Renesas Technology Corp M38K09RFS Datasheet HTML 171Page - Renesas Technology Corp M38K09RFS Datasheet HTML 172Page - Renesas Technology Corp M38K09RFS Datasheet HTML 173Page - Renesas Technology Corp M38K09RFS Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 41 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.4.3 Structure of Serial I/O status register
Fig. 2.4.2 Structure of Transmit/Receive buffer register
2.4.2 Related registers
Transmit/Receive buffer register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
?
?
?
?
?
?
?
?
Transmit/Receive buffer register (TB/RB) [Address : 2616]
The transmission data is written to or the receive data is read out
from this buffer register.
• At writing: A data is written to the transmit buffer register.
• At reading: The contents of the receive buffer register are read
out.
Note: The contents of transmit buffer register cannot be read out.
The data cannot be written to the receive buffer register.
Serial I/O status register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
1
Serial I/O status register (SIOSTS) [Address : 2716]
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the contents are “1”.
✕
✕
✕
✕
✕
✕
✕
✕
Transmit buffer empty flag
(TBE)
0 : (OE) U (PE) U (FE) = 0
1 : (OE) U (PE) U (FE) = 1
Overrun error flag (OE)
0 : Buffer full
1 : Buffer empty
Receive buffer full flag (RBF)
Transmit shift register shift
completion flag (TSC)
Parity error flag (PE)
Framing error flag (FE)
Summing error flag (SE)
0 : Buffer empty
1 : Buffer full
0 : Transmit shift in progress
1 : Transmit shift completed
0 : No error
1 : Overrun error
0 : No error
1 : Parity error
0 : No error
1 : Framing error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com