Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 228Page - Renesas Technology Corp M38K09RFS Datasheet HTML 229Page - Renesas Technology Corp M38K09RFS Datasheet HTML 230Page - Renesas Technology Corp M38K09RFS Datasheet HTML 231Page - Renesas Technology Corp M38K09RFS Datasheet HTML 232Page - Renesas Technology Corp M38K09RFS Datasheet HTML 233Page - Renesas Technology Corp M38K09RFS Datasheet HTML 234Page - Renesas Technology Corp M38K09RFS Datasheet HTML 235Page - Renesas Technology Corp M38K09RFS Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 328 page
background image
2.13 Flash memory
Rev.2.00
Oct 05, 2006
page 103 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.13.3 Structure of Flash memory control register
Fig. 2.13.2 Memory map of registers related to flash memory
2.13.3 Related registers
Flash memory control register (FMCR)
0FFE16
Address
Flash memory control register
b7 b6 b5 b4 b3 b2 b1 b0
Flash memory control register
(FMCR : address 0FFE16)
(Note 1)
b
0
1
2
4
Name
Functions
At reset R W
0
0
0
User area/Boot area
selection bit (Note 4)
CPU rewrite mode
select bit (Note 2)
0 : Busy (being written or
erased)
1 : Ready
5
6
7
0
Undefined
Undefined
Undefined
RY/BY status flag
3
0: User ROM area
1: Boot ROM area
Flash memory reset
bit (Note 3)
0: Normal operation
1: Reset
CPU rewrite mode
entry flag
0: Normal mode
1: CPU rewrite mode
0 : Normal mode (Software
commands invalid)
1 : CPU rewrite mode
(Software commands
acceptable)
1
Nothing is arranged for these bits. If writing,
set “0”. When these bits are read out,
the contents are undefined.
Notes 1: The contents of flash memory control register are “XXX00001” just
after reset release.
2: For this bit to be set to “1”, the user needs to write “0” and then “1”
to it in succession. If it is not this procedure, this bit will not be set to
“1”. Additionally, it is required to ensure that no interrupt will be
generated during that interval.
Use the control program in the area except the built-in flash memory
for write to this bit.
3: This bit is valid when the CPU rewrite mode select bit is “1”.
Set this bit 3 to “0” subsequently after setting bit 3 to “1”.
4: Use the control program in the area except the built-in flash memory
for write to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com