Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 252Page - Renesas Technology Corp M38K09RFS Datasheet HTML 253Page - Renesas Technology Corp M38K09RFS Datasheet HTML 254Page - Renesas Technology Corp M38K09RFS Datasheet HTML 255Page - Renesas Technology Corp M38K09RFS Datasheet HTML 256Page - Renesas Technology Corp M38K09RFS Datasheet HTML 257Page - Renesas Technology Corp M38K09RFS Datasheet HTML 258Page - Renesas Technology Corp M38K09RFS Datasheet HTML 259Page - Renesas Technology Corp M38K09RFS Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 328 page
background image
3.1 Electrical characteristics
Rev.2.00
Oct 05, 2006
page 15 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
Fig. 3.1.5 Timing chart (2)
ExA0, ExA1
DQ0 to DQ7
ExCS
ExRD
0.8VCC
0.2VCC
tsu(A-R)
0.8VCC
0.2VCC
th(R-A)
0.2VCC
th(R-S)
tsu(S-R)
0.8VCC
0.2VCC
twL(R)
0.8VCC
0.2VCC
ta(R-D)
tv(R-D)
ExA0, ExA1
DQ0 to DQ7
ExCS
ExWR
0.8VCC
0.2VCC
tsu(A-W)
0.8VCC
0.2VCC
th(W-A)
0.2VCC
th(W-S)
tsu(S-W)
0.8VCC
0.2VCC
twL(W)
0.8VCC
0.2VCC
tsu(D-W)
th(W-D)
q Timing chart
[ EXB <CPU channel mode> ]
< Read >
< Write >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com