Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 263Page - Renesas Technology Corp M38K09RFS Datasheet HTML 264Page - Renesas Technology Corp M38K09RFS Datasheet HTML 265Page - Renesas Technology Corp M38K09RFS Datasheet HTML 266Page - Renesas Technology Corp M38K09RFS Datasheet HTML 267Page - Renesas Technology Corp M38K09RFS Datasheet HTML 268Page - Renesas Technology Corp M38K09RFS Datasheet HTML 269Page - Renesas Technology Corp M38K09RFS Datasheet HTML 270Page - Renesas Technology Corp M38K09RFS Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 328 page
background image
3.2 Notes on use
Rev.2.00
Oct 05, 2006
page 26 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
(5)
Data transmission control with referring to transmit shift register completion flag (Serial I/O)
The transmit shift register completion flag changes from “1” to “0” with a delay of 0.5 to 1.5 shift
clocks. When data transmission is controlled with referring to the flag after writing the data to the
transmit buffer register, note the delay.
(6)
Transmission control when external clock is selected (Serial I/O)
When an external clock is used as the synchronous clock for data transmission, set the transmit
enable bit to “1” at “H” of the SCLK input level. Also, write the transmit data to the transmit buffer
register (serial I/O shift register) at “H” of the SCLK input level.
(7)
Transmit interrupt request when transmit enable bit is set (Serial I/O)
When the transmit interrupt is used, set the transmit interrupt enable bit to transmit enabled as shown
in the following sequence.
➀ Set the interrupt enable bit to “0” (disabled) with CLB instruction.
➁ Prepare serial I/O for transmission/reception.
➂ Set the interrupt request bit to “0” with CLB instruction after 1 or more instruction has been
executed.
➃ Set the interrupt enable bit to “1” (enabled).
q Reason
When the transmission enable bit is set to “1”, the transmit buffer empty flag and transmit shift
register completion flag are set to “1”. The interrupt request is generated and the transmission
interrupt bit is set regardless of which of the two timings listed below is selected as the timing for
the transmission interrupt to be generated.
• Transmit buffer empty flag is set to “1”
• Transmit shift register completion flag is set to “1”
3.2.6 Notes on USB function
(1)
Port pins (D0+, D0-) treatment
•The USB specification requires a driver-impedance 28 to 44
Ω. In order to meet the USB specification
impedance requirements, connect a resistor (27 W recommended) in series to the USB port pins.
In addition, in order to reduce the ringing and control the falling/rising timing and a crossover point,
connect a capacitor between the USB port pins and the Vss pin if necessary.
The values and structure of those peripheral elements depend on the impedance characteristics
and the layout of the printed circuit board. Accordingly, evaluate your system and observe waveforms
before actual use and decide use of elements and the values of resistors and capacitors.
•Make sure the USB D+/D- lines do not cross any other wires. Keep a large GND area to protect the
USB lines. Also, make sure you use a USB specification compliant connecter for the connection.
(2)
USBVREF pin treatment (Noise Elimination)
•Connect a capacitor between the USBVREF pin and the Vss pin. The capacitor should have a 2.2
µF
capacitor (electrolytic capacitor) and a 0.1
µF capacitor (ceramic type capacitor) connected in parallel.
•In Vcc = 3.0 to 3.6 V operation, connect the USBVREF pin directly to the Vcc pin in order to supply
power to the USB port circuit. In addition, you will need to disable the built-in USB reference voltage
circuit in this operation (set bit 4 of the USB control register to “0”.) If you are using the bus powered
supply in this condition, the DC-DC converter must be placed outside the MCU.
•In Vcc = 4.00 to 5.25 V operation, do not connect the external DC-DC converter to the USBVREF pin.
Use the built-in USB reference voltage circuit.
(3)
USB Communication
•In applications requiring high-reliability, we recommend providing the system with protective measures
such as USB function initialization by software or USB reset by the host to prevent USB communication
from being terminated unexpectedly, for example due to external causes such as noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com