Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 320Page - Renesas Technology Corp M38K09RFS Datasheet HTML 321Page - Renesas Technology Corp M38K09RFS Datasheet HTML 322Page - Renesas Technology Corp M38K09RFS Datasheet HTML 323Page - Renesas Technology Corp M38K09RFS Datasheet HTML 324Page - Renesas Technology Corp M38K09RFS Datasheet HTML 325Page - Renesas Technology Corp M38K09RFS Datasheet HTML 326Page - Renesas Technology Corp M38K09RFS Datasheet HTML 327Page - Renesas Technology Corp M38K09RFS Datasheet HTML 328Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 326 / 328 page
background image
REVISION HISTORY
38K0 GROUP USER’S MANUAL
Rev.
Date
Description
Page
Summary
(1/1)
1.0
01/17/03
First Edition
2.0
10/05/06
Package names “64P6U-A”
→ “PLQP0064GA-A” revised
Package names “64P6Q-A”
→ “PLQP0064KB-A” revised
38K0 group (Standard) deleted
• Power source voltage (L version) “At 12 MHz/Through mode .... 4.50 to 5.25 V”
deleted
Fig. 108 revised
CLOCK GENERATING CIRCUIT; “No external resistor is needed .... resistor
exists on-chip.”
→ “No external resistor is needed .... depending on conditions.)
Fig. 111; Pulled up added, NOTE added
Fig. 114 revised
NOTES ON USAGE; Power Source Voltage, USB Communication added
3.3.6 (3) USB Communication added
Table 2.11.1 revised
Table 2.11.2 revised
3.2 deleted
3.6 Package outline revised
All pages
Chapter 1
2
76
79
80
110
Chapter 2
35
91
92
Chapter 3
20
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com