Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5634M Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
23
NOTE
The calibration EBI must be configured in multiplexed mode when the extended Nexus
trace is used on the VertiCal Calibration System. This is because Nexus signals and address
lines of the calibration bus share the same balls in the calibration package.
•
Memory controller with support for various memory types:
— Asynchronous/legacy flash and SRAM
— Most standard memories used with the MPC5xx or MPC55xx family
•
Bus monitor
— User selectable
— Programmable time-out period (with 8 external bus clock resolution)
•
Configurable wait states (via chip selects)
•
3 chip-select (Cal_CS[0], Cal_CS[2:3]) signals (Multiplexed with 2 most significant address signals)
•
2 write/byte enable (WE[0:1]/BE[0:1]) signals
•
Configurable bus speed modes
— system frequency
— 1/2 of system frequency
— 1/4 of system frequency
•
Optional automatic CLKOUT gating to save power and reduce EMI
•
Compatible with MPC5xx external bus (with some limitations)
•
Selectable drive strengths; 10 pF, 20 pF, 30 pF, 50 pF
2.3.7
SIU
The MPC5634M SIU controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O (GPIO),
internal peripheral multiplexing, and the system reset operation. The reset configuration block contains the external pin boot
configuration logic. The pad configuration block controls the static electrical characteristics of I/O pins. The GPIO block
provides uniform and discrete input/output control of the I/O pins of the MCU. The reset controller performs reset monitoring
of internal and external reset sources, and drives the RSTOUT pin. Communication between the SIU and the e200z335 CPU
core is via the crossbar switch. The SIU provides the following features:
•
System configuration
— MCU reset configuration via external pins
— Pad configuration control for each pad
— Pad configuration control for virtual I/O via DSPI serialization
•
System reset monitoring and generation
— Power-on reset support
— Reset status register provides last reset source to software
— Glitch detection on reset input
— Software controlled reset assertion
•
External interrupt
— 11 interrupt requests
— Rising or falling edge event detection
— Programmable digital filter for glitch rejection
— Critical Interrupt request
— Non-Maskable Interrupt request
•GPIO
— GPIO function on 80 I/O pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com