Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5634M Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
19
— On-chip regulator 5 V to 3.3 V for internal supplies
— On-chip regulator controller 5 V to 1.2 V (with external bypass transistor) for core logic
•
Low-power modes
— SLOW Mode. Allows device to be run at very low speed (approximately 1 MHz), with modules (including the
PLL) selectively disabled in software
— STOP Mode. System clock stopped to all modules including the CPU. Wake-up timer used to restart the system
clock after a predetermined time
2.3
MPC5634M feature details
2.3.1
e200z335 core
The e200z335 processor utilizes a four stage pipeline for instruction execution. The Instruction Fetch (stage 1), Instruction
Decode/Register file Read/Effective Address Calculation (stage 2), Execute/Memory Access (stage 3), and Register Writeback
(stage 4) stages operate in an overlapped fashion, allowing single clock instruction execution for most instructions.
The integer execution unit consists of a 32-bit Arithmetic Unit (AU), a Logic Unit (LU), a 32-bit Barrel shifter (Shifter), a
Mask-Insertion Unit (MIU), a Condition Register manipulation Unit (CRU), a Count-Leading-Zeros unit (CLZ), a 32
32
Hardware Multiplier array, result feed-forward hardware, and support hardware for division.
Most arithmetic and logical operations are executed in a single cycle with the exception of the divide instructions. A
Count-Leading-Zeros unit operates in a single clock cycle. The Instruction Unit contains a PC incrementer and a dedicated
Branch Address adder to minimize delays during change of flow operations. Sequential prefetching is performed to ensure a
supply of instructions into the execution pipeline. Branch target prefetching is performed to accelerate taken branches.
Prefetched instructions are placed into an instruction buffer capable of holding six instructions.
Branches can also be decoded at the instruction buffer and branch target addresses calculated prior to the branch reaching the
instruction decode stage, allowing the branch target to be prefetched early. When a branch is detected at the instruction buffer,
a prediction may be made on whether the branch is taken or not. If the branch is predicted to be taken, a target fetch is initiated
and its target instructions are placed in the instruction buffer following the branch instruction. Many branches take zero cycle
to execute by using branch folding. Branches are folded out from the instruction execution pipe whenever possible. These
include unconditional branches and conditional branches with condition codes that can be resolved early.
Conditional branches which are not taken and not folded execute in a single clock. Branches with successful target prefetching
which are not folded have an effective execution time of one clock. All other taken branches have an execution time of two
clocks. Memory load and store operations are provided for byte, halfword, and word (32-bit) data with automatic zero or sign
extension of byte and halfword load data as well as optional byte reversal of data. These instructions can be pipelined to allow
effective single cycle throughput. Load and store multiple word instructions allow low overhead context save and restore
operations. The load/store unit contains a dedicated effective address adder to allow effective address generation to be
optimized. Also, a load-to-use dependency does not incur any pipeline bubbles for most cases.
The Condition Register unit supports the condition register (CR) and condition register operations defined by the Power
Architecture. The condition register consists of eight 4-bit fields that reflect the results of certain operations, such as move,
integer and floating-point compare, arithmetic, and logical instructions, and provide a mechanism for testing and branching.
Vectored and autovectored interrupts are supported by the CPU. Vectored interrupt support is provided to allow multiple
interrupt sources to have unique interrupt handlers invoked with no software overhead.
The hardware floating-point unit utilizes the IEEE-754 single-precision floating-point format and supports single-precision
floating-point operations in a pipelined fashion. The general purpose register file is used for source and destination operands,
thus there is a unified storage model for single-precision floating-point data types of 32 bits and the normal integer type.
Single-cycle floating-point add, subtract, multiply, compare, and conversion operations are provided. Divide instructions are
multi-cycle and are not pipelined.
The Signal Processing Extension (SPE) Auxiliary Processing Unit (APU) provides hardware SIMD operations and supports a
full complement of dual integer arithmetic operation including Multiply Accumulate (MAC) and dual integer multiply (MUL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com