Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5634M Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
11
2.1
Device comparison
Table 1. MPC5634M family device summary
Feature
MPC5634M
MPC5633M
MPC5632M
Flash memory size (KB)
1536
1024
768
Total SRAM size (KB)
94
64
48
Standby SRAM size (KB)
32
24
24
Processor core
32-bit e200z335
with SPE support
32-bit e200z335
with SPE support
32-bit e200z335
with SPE support
Core frequency (MHz)
60/80
40/60/80
40/60
Calibration bus width1
1 Calibration package only.
16 bits
16 bits
—
DMA (direct memory access) channels
32
32
32
eMIOS (enhanced modular input-output system)
channels
16
16
8
eQADC (enhanced queued analog-to-digital
converter) channels (on-chip)
Up to 342
2 The 176-pin and 208-pin packages have 34 input channels; 144-pin package has 32.
Up to 342
Up to 322
eSCI (serial communication interface)
2
2
2
DSPI (deserial serial peripheral interface)
2
2
2
Microsecond Bus compatible interface
2
2
2
eTPU (enhanced time processor unit)
Yes
Yes
Yes
Channels
32
32
32
Code memory (KB)
14
14
14
Parameter RAM (KB)
3
3
3
FlexCAN (controller area network)3
3 One FlexCAN module has 64 message buffers; the other has 32 message buffers.
22
2
FMPLL (frequency-modulated phase-locked loop)
Yes
Yes
Yes
INTC (interrupt controller) channels
3644
3644
3644
JTAG controller
Yes
Yes
Yes
NDI (Nexus development interface) level
Class 2+
Class 2+
Class 2+
Non-maskable interrupt and critical interrupt
Yes
Yes
Yes
PIT (peripheral interrupt timers)
5
5
5
Task monitor timer
4 channels
4 channels
4 channels
Temperature sensor
Yes
Yes
Yes
Windowing software watchdog
Yes
Yes
Yes
Packages
144 LQFP
176 LQFP
208 MAPBGA
144 LQFP
176 LQFP
208 MAPBGA
144 LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com