Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5634M Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
90
4.11
Temperature sensor electrical characteristics
4.12
eQADC electrical characteristics
15 Vxtal range is preliminary and subject to change pending characterization data.
16 V
IHEXT cannot exceed VRC33 in external reference mode.
17 This specification applies to the period required for the PLL to relock after changing the MFD frequency control bits in
the synthesizer control register (SYNCR).
18 Modulation depth will be attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 25. Temperature sensor electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
min
typical
max
—
CC
C Temperature
monitoring range
–40
—
150
°C
—
CC
C Sensitivity
—
6.3
—
mV/°C
—
CC
P Accuracy
TJ = –40 to 150 °C
–10
—
10
°C
Table 26. eQADC conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
fADCLK
SR
— ADC clock (ADCLK) frequency
2
16
MHz
CC
CC
D Conversion cycles
2 + 13
128 + 14
ADCLK
cycles
TSR
CC
C Stop mode recovery time1
—10
s
—
CC
D Resolution2
1.25
—
mV
OFFNC
CC
C Offset error without calibration
0
160
Counts
OFFWC
CC
C Offset error with calibration
–4
4
Counts
GAINNC
CC
C Full scale gain error without calibration
–160
0
Counts
GAINWC
CC
C Full scale gain error with calibration
–4
4
Counts
IINJ
CC
T Disruptive input injection current 3, 4, 5, 6
–3
3
mA
EINJ
CC
T Incremental error due to injection current6,7,8
–4
4
Counts
TUE8
CC
C Total unadjusted error (TUE) at 8 MHz
–4
4
Counts
TUE16
CC
C Total unadjusted error at 16 MHz
–8
8
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com