Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5634M Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
77
4.6.1
Regulator example
Figure 7. Core voltage regulator controller external components preferred configuration
4.6.2
Recommended power transistors
The following NPN transistors are recommended for use with the on-chip voltage regulator controller: ON SemiconductorTM
BCP68T1 or NJD2873 as well as Philips SemiconductorTM BCP68. The collector of the external transistor is preferably
connected to the same voltage supply source as the output stage of the regulator.
Table 16. Recommended operating characteristics
Symbol
Parameter
Value
Unit
hFE () DC current gain (Beta)
60 – 550
—
PD
Absolute minimum power dissipation
>1.0
(1.5 preferred)
W
ICMaxDC Minimum peak collector current
1.0
A
VCESAT Collector-to-emitter saturation voltage
200–6001
1 Adjust resistor at bipolar transistor collector for 3.3 V/5.0 V to avoid VCE < VCE
SAT
mV
VBE
Base-to-emitter voltage
0.4–1.0
V
MCU
Mandatory decoupling
capacitor network
VDDREG
VRCCTL
VDD
VSS
4
 6.8 F4  220 nF
680 nF
15
10
F
1.1–5.6
10
F
Resistor may or may not be
required. It depends on the
allowable power dissipation
of the npn bypass transistor
device.
Emitter and collector capacitors
(6.8
F and 10 F) should be
matched (same type) and ESR
should be lower than 200 m

Notes:
1. The VRCCTL capacitor is required.
2. The bypass transistor MUST be operated out of its saturation region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com